Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6646MM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6646MM
Description  LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6646MM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6646MM Datasheet HTML 4Page - Texas Instruments LMH6646MM Datasheet HTML 5Page - Texas Instruments LMH6646MM Datasheet HTML 6Page - Texas Instruments LMH6646MM Datasheet HTML 7Page - Texas Instruments LMH6646MM Datasheet HTML 8Page - Texas Instruments LMH6646MM Datasheet HTML 9Page - Texas Instruments LMH6646MM Datasheet HTML 10Page - Texas Instruments LMH6646MM Datasheet HTML 11Page - Texas Instruments LMH6646MM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LMH6645, LMH6646, LMH6647
SNOS970D – JUNE 2001 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics 5V (continued)
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
f = 2kΩ, and RL =
1k
Ω to V
+/2.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
RL = 1k to V
+/2
4.80
4.95
Output swing high
V
RL = 10k to V
+/2
4.98
VO
RL = 1k to V
+/2
50
200
Output swing low
mV
RL = 10k to V
+/2
20
Sourcing to V
55
VID = 200mV
(7) (8)
ISC
Output short circuit current
mA
Sinking to V+
53
VID = −200mV
(7) (8)
IOUT
Output current
VOUT = 0.5V From rails
±20
mA
PSRR
Power supply rejection ratio
V+ = 5V to 6V or V= 0V to
−1V
75
95
dB
Normal Operation
700
1400
Supply current (per
IS
μA
channel)
Shutdown Mode (LMH6647 only)
10
50
(7)
Short circuit test is a momentary test.
(8)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6645 LMH6646 LMH6647


Similar Part No. - LMH6646MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6646MM NSC-LMH6646MM Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MM NSC-LMH6646MM Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MMX NSC-LMH6646MMX Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MMX NSC-LMH6646MMX Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6646MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com