Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6646MDC Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6646MDC
Description  LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6646MDC Datasheet(HTML) 3 Page - Texas Instruments

  LMH6646MDC Datasheet HTML 1Page - Texas Instruments LMH6646MDC Datasheet HTML 2Page - Texas Instruments LMH6646MDC Datasheet HTML 3Page - Texas Instruments LMH6646MDC Datasheet HTML 4Page - Texas Instruments LMH6646MDC Datasheet HTML 5Page - Texas Instruments LMH6646MDC Datasheet HTML 6Page - Texas Instruments LMH6646MDC Datasheet HTML 7Page - Texas Instruments LMH6646MDC Datasheet HTML 8Page - Texas Instruments LMH6646MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
SD
+
-
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
6
SD
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
N/C
+
-
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6645, LMH6646, LMH6647
www.ti.com
SNOS970D – JUNE 2001 – REVISED NOVEMBER 2014
5 Description (continued)
In portable applications, the LMH6647 provides shutdown capability while keeping the turn-off current to less
than 50
μA. Both turn-on and turn-off characteristics are well behaved with minimal output fluctuations during
transitions. This allows the part to be used in power saving mode, as well as multiplexing applications. Miniature
packages (SOT-23, VSSOP-8, and SOIC-8) are further means to ease the adoption of these low power high
speed devices in applications where board area is at a premium.
6 Pin Configuration and Functions
SOT-23-5 (LMH6645)
SOIC-8 (LMH6645)
SOIC-8 and VSSOP-8 (LMH6646)
Package DBV05A
Package D08A
Packages D08A and DGK08A
Top View
Top View
Top View
SOT-23-6 (LMH6647)
SOIC-8 (LMH6647)
Package DBV06A
Package D08A
Top View
Top View
Pin Functions
PIN
NUMBER
I/O
DESCRIPTION
NAME
LMH6645
LMH6646
LMH6647
DBV05A
D08A
DGK08A
DBV06A
D08A
-IN
4
2
4
2
I
Inverting input
+IN
3
3
3
3
I
Non-inverting input
-IN A
2
I
Inverting Input Channel A
+IN A
3
I
Non-inverting input Channel A
-IN B
6
I
Inverting input Channel B
+IN B
5
I
Non-inverting input Channel B
N/C
1,5,8
1,5
––
No Connection
OUTPUT
1
6
1
6
O
Output
OUT A
1
O
Output Channel A
OUT B
7
O
Output Channel B
SD
5
8
I
Shutdown
V-
2
4
4
2
4
I
Negative Supply
V+
5
7
8
6
7
I
Positive Supply
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6645 LMH6646 LMH6647


Similar Part No. - LMH6646MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6646MA NSC-LMH6646MA Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MA NSC-LMH6646MA Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MAX NSC-LMH6646MAX Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MAX NSC-LMH6646MAX Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MM NSC-LMH6646MM Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6646MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com