Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6654 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6654
Description  LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6654 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6654 Datasheet HTML 6Page - Texas Instruments LMH6654 Datasheet HTML 7Page - Texas Instruments LMH6654 Datasheet HTML 8Page - Texas Instruments LMH6654 Datasheet HTML 9Page - Texas Instruments LMH6654 Datasheet HTML 10Page - Texas Instruments LMH6654 Datasheet HTML 11Page - Texas Instruments LMH6654 Datasheet HTML 12Page - Texas Instruments LMH6654 Datasheet HTML 13Page - Texas Instruments LMH6654 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-1
0
1
2
3
4
5
6
7
-40°C
25°C
85°C
VS = 5V
0
0.5
1
1.5
2
2.5
3
3.5
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
VCM (V)
VS = ±2.5V
-40°C
85°C
25°C
-50
0
50
100
0
1
2
3
4
5
6
7
TEMPERATURE (°C)
IBIAS
VOS
4
5
6
7
8
9
10
11
12
VSUPPLY (V)
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
85°C
-40°C
25°C
0
1
2
3
4
5
6
7
8
VCM (V)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
VS = ±5V
-40°C
85°C
25°C
LMH6654, LMH6655
SNOS956E – JUNE 2001 – REVISED AUGUST 2014
www.ti.com
Typical Characteristics (continued)
25°C, V
+ = ±5 V, V= −5, R
F = 25 Ω for gain = +1, RF = 402 Ω for gain ≥ +2 and RL = 100 Ω, unless otherwise specified.
Figure 9. Offset Voltage
Figure 8. Offset Voltage
vs. Common Mode
vs. Supply Voltage (VCM = 0V)
Figure 11. Bias Current and Offset Voltage
Figure 10. Offset Voltage
vs. Temperature
vs. Common Mode
Figure 13. Bias Current
Figure 12. Bias Current
vs. Common Mode Voltage
vs. Common Mode Voltage
10
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6654 LMH6655


Similar Part No. - LMH6654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MA NSC-LMH6654MA Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MAX NSC-LMH6654MAX Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MF NSC-LMH6654MF Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6654MFX NSC-LMH6654MFX Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
More results

Similar Description - LMH6654

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6654 NSC-LMH6654 Datasheet
652Kb / 17P
   Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com