Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6646 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6646
Description  LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6646 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6646 Datasheet HTML 5Page - Texas Instruments LMH6646 Datasheet HTML 6Page - Texas Instruments LMH6646 Datasheet HTML 7Page - Texas Instruments LMH6646 Datasheet HTML 8Page - Texas Instruments LMH6646 Datasheet HTML 9Page - Texas Instruments LMH6646 Datasheet HTML 10Page - Texas Instruments LMH6646 Datasheet HTML 11Page - Texas Instruments LMH6646 Datasheet HTML 12Page - Texas Instruments LMH6646 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LMH6645, LMH6646, LMH6647
www.ti.com
SNOS970D – JUNE 2001 – REVISED NOVEMBER 2014
7.7 Electrical Characteristics ±5V
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO = 0V, Rf = 2kΩ, and RL = 1kΩ to
GND.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
BW
−3dB BW
AV = +1, VOUT = 200 mVPP
40
55
MHz
f = 100 kHz
17
en
Input-referred voltage noise
nV/
√Hz
f = 1 kHz
25
f = 100 kHz
0.75
in
Input-referred current noise
pA/
√Hz
f = 1 kHz
1.20
Cross-talk rejection
f = 5MHz, Receiver:
CT Rej.
47
dB
(LMH6646 only)
Rf = Rg = 510 Ω, AV = +2
SR
Slew rate
AV = −1, VO = 2 VPP
(3)
15
22
V/
μs
Turn-on time
TON
200
ns
(LMH6647 only)
Turn-off time
TOFF
700
ns
(LMH6647 only)
Shutdown threshold
THSD
IS ≤ 50 μA
4.25
4.60
V
(LMH6647 only)
Shutdown pin input current
ISD
See (4)
−20
μA
(LMH6647 only)
−3
±1
3
VOS
Input offset voltage
−5V ≤ VCM ≤ 5 V
mV
-40°C
≤ TJ ≤ 85°C
−4
4
TC VOS Input offset average drift
See (5)
±5
μV/°C
+0.40
+2
VCM = 4.8 V
(4)
-40°C
≤ TJ ≤ 85°C
+2.2
IB
Input bias current
μA
−0.65
−2
VCM = −4.5 V
(4)
-40°C
≤ TJ ≤ 85°C
−2.2
IOS
Input offset current
−5V ≤ VCM ≤ 5 V
3
500
nA
Common mode input
RIN
3
M
resistance
Common mode input
CIN
2
pF
capacitance
−5.5
−5.3
-40°C
≤ TJ ≤ 85°C
−5.1
Input common-mode
CMVR
CMRR
≥ 50dB
V
voltage range
5.3
5.5
-40°C
≤ TJ ≤ 85°C
5.1
VCM Stepped from −5 V to 5 V
60
84
Common mode rejection
CMRR
dB
ratio
VCM Stepped from −5 V to 3.5 V
66
104
76
85
AVOL
Large signal voltage gain
VO = −2 V to 2 V
dB
-40°C
≤ TJ ≤ 85°C
74
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Positive current corresponds to current flowing into the device.
(5)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6645 LMH6646 LMH6647


Similar Part No. - LMH6646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
logo
National Semiconductor ...
LMH6646MA NSC-LMH6646MA Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MA NSC-LMH6646MA Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MAX NSC-LMH6646MAX Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6646MAX NSC-LMH6646MAX Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6646

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com