Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25LC512 Datasheet(PDF) 2 Page - Microchip Technology

Part # 25LC512
Description  512 Kbit SPI Bus Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512 Datasheet(HTML) 2 Page - Microchip Technology

  25LC512_14 Datasheet HTML 1Page - Microchip Technology 25LC512_14 Datasheet HTML 2Page - Microchip Technology 25LC512_14 Datasheet HTML 3Page - Microchip Technology 25LC512_14 Datasheet HTML 4Page - Microchip Technology 25LC512_14 Datasheet HTML 5Page - Microchip Technology 25LC512_14 Datasheet HTML 6Page - Microchip Technology 25LC512_14 Datasheet HTML 7Page - Microchip Technology 25LC512_14 Datasheet HTML 8Page - Microchip Technology 25LC512_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
25LC512
DS20005265A-page 2
 2014 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature .................................................................................................................................-65°C to 150°C
Ambient temperature under bias ...............................................................................................................-55°C to 125°C
ESD protection on all pins ..........................................................................................................................................4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Extended (M):
TA = -55°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
D001
VIH1
High-level input
voltage
0.7 VCC
VCC + 1
V
D002
VIL1
Low-level input
voltage
-0.3
0.3 VCC
VVCC
2.7V
D003
VIL2
-0.3
0.2 VCC
VVCC < 2.7V
D004
VOL
Low-level output
voltage
—0.4
V
IOL = 2.1 mA
D005
VOH
High-level output
voltage
VCC - 0.2
V
IOH = -400
A
D006
ILI
Input leakage current
±1
ACS = VCC, VIN = VSS or VCC
D007
ILO
Output leakage
current
—±1
ACS = VCC, VOUT = VSS or VCC
D008
CINT
Internal capacitance
(all inputs and
outputs)
—7
pF
TA = 25°C, CLK = 1.0 MHz,
VCC = 5.0V (Note)
D009
ICC Read
Operating current
10
5
mA
mA
VCC = 5.5V; FCLK = 10.0 MHz;
SO = Open
VCC = 2.5V; FCLK = 10.0 MHz;
SO = Open
D010
ICC Write
7
5
mA
mA
VCC = 5.5V
VCC = 2.5V
D011
ICCS
Standby current
20
10
A
A
CS = VCC = 5.5V, Inputs tied to VCC or
VSS, 125°C
CS = VCC = 5.5V, Inputs tied to VCC or
VSS, 85°C
D012
ICCSPD
Deep power-down
current
—2
1
A
A
CS = VCC = 2.5V, Inputs tied to VCC or
VSS, 125°C
CS = VCC = 2.5V, Inputs tied to VCC or
VSS, 85°C
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 25LC512_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC512-1/MF MICROCHIP-25LC512-1/MF Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25LC512-1/P MICROCHIP-25LC512-1/P Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25LC512-1/SN MICROCHIP-25LC512-1/SN Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
More results

Similar Description - 25LC512_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
   Automotive 512-Kbit serial SPI bus EEPROM
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
   512 Kbit Serial I짰 Bus EEPROM
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
   512-Kbit serial I짼C bus EEPROM
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com