Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRLR2905 Datasheet(PDF) 6 Page - International Rectifier

Part No. IRLR2905
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 6 page
background image
IRLR/U2905
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
0
100
200
300
400
500
25
50
75
100
125
150
175
J
A
Sta rtin g T , J u nc tion T e m perature (°C )
I
T O P
1 0A
17 A
B O TTO M
2 5 A
V
= 25 V
D
DD




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLMS1902HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLL024NHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF8910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU330HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3402HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR3802HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
19MT050XFFULL BRIDGE FREDFET MTP HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl