Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRLR2905 Datasheet(PDF) 4 Page - International Rectifier

Part No. IRLR2905
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 4 page
background image
IRLR/U2905
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
400
800
1200
1600
2000
2400
2800
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0 V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o s s
d s
g d
C iss
C oss
C rss
0
3
6
9
12
15
0
1 02 03 04 0
5 06 07 0
Q
, T otal G ate C harge (nC )
G
A
FO R TE S T CIR C U IT
S E E F IG U R E 1 3
V
= 4 4 V
V
= 2 8 V
I
= 2 5A
DS
DS
D
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
T = 25 °C
J
V
= 0V
GS
V
, So urce-to -D ra in Vo lta ge (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLMS1902HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLL024NHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF8910HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFU330HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3402HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR3802HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
19MT050XFFULL BRIDGE FREDFET MTP HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl