Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV342-N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342-N
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342-N Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV342-N Datasheet HTML 6Page - Texas Instruments LMV342-N Datasheet HTML 7Page - Texas Instruments LMV342-N Datasheet HTML 8Page - Texas Instruments LMV342-N Datasheet HTML 9Page - Texas Instruments LMV342-N Datasheet HTML 10Page - Texas Instruments LMV342-N Datasheet HTML 11Page - Texas Instruments LMV342-N Datasheet HTML 12Page - Texas Instruments LMV342-N Datasheet HTML 13Page - Texas Instruments LMV342-N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
-1.5
-1
-0.5
0
0.5
1
1.5
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±1.35V
RL = 10 k:
RL = 2 k:
-3
-2
-1
0
1
2
3
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±2.5V
RL = 10 k:
RL = 2 k:
-0.2
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VCM (V)
0
0.5
1
1.5
2
2.5
3
VS = 5V
-40°C
25°C
85°C
125°C
-0.2
0.3
0.8
1.3
1.8
2.3
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
85°C
25°C
-40°C
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 2.7V
-40°C
25°C
125°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 5V
125°C
25°C
85°C
-40°C
10
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. ISINK vs VOUT
Figure 8. ISINK vs VOUT
Figure 9. VOS vs VCM
Figure 10. VOS vs VCM
Figure 11. VIN vs VOUT
Figure 12. VIN vs VOUT


Similar Part No. - LMV342-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV342 NSC-LMV342 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV342 TI-LMV342 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV342 TI1-LMV342 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV342ID TI-LMV342ID Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV342ID NSC-LMV342ID Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - LMV342-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
List of Unclassifed Man...
APC207 ETC-APC207 Datasheet
151Kb / 12P
   Rail to Rail Output CMOS Single Operating Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com