Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1587CS-1.5 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMS1587CS-1.5
Description  LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1587CS-1.5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMS1587CS-1.5 Datasheet HTML 5Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 6Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 7Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 8Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 9Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 10Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 11Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 12Page - Texas Instruments LMS1587CS-1.5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2015
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMS1587IS-ADJ
NRND
DDPAK/
TO-263
KTT
3
45
TBD
Call TI
Call TI
-40 to 125
LMS1587
IS-ADJ
LMS1587IS-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1587
IS-ADJ
LMS1587ISX-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1587
IS-3.3
LMS1587ISX-ADJ
NRND
DDPAK/
TO-263
KTT
3
500
TBD
Call TI
Call TI
-40 to 125
LMS1587
IS-ADJ
LMS1587ISX-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LMS1587
IS-ADJ
LMS1587IT-1.5/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LMS1587
IT-1.5
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - LMS1587CS-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1587CS-1.5 NSC-LMS1587CS-1.5 Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587CS-1.5 TI1-LMS1587CS-1.5 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CS-1.5/NOPB TI1-LMS1587CS-1.5/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587CS-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com