Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1585ACSX-3.3 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMS1585ACSX-3.3
Description  LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1585ACSX-3.3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMS1585ACSX-3.3 Datasheet HTML 2Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 3Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 4Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 5Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 6Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 7Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 8Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 9Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VOUT
VIN
I1
10 µF
VREF
10 µF
R1
R2
IADJ
VIN
VOUT
ADJ
VOUT = VREF (1 + R2) + IADJR2
R2
R1
LMS1585A , LMS1587
SNVS061G – MONTH 2003 – REVISED JULY 2013
www.ti.com
APPLICATION NOTE
OUTPUT VOLTAGE
The adjustable version develops at 1.25V reference voltage, (VREF), between the output and the adjust terminal.
As shown in Figure 3, this voltage is applied across resistor R1 to generate a constant current I1. This constant
current then flows through R2. The resulting voltage drop across R2 adds to the reference voltage to sets the
desired output voltage.
The current IADJ from the adjustment terminal introduces an output error. But since it is small (120μA max), it
becomes negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 3. Basic Adjustable Regulator
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMS1585A LMS1587


Similar Part No. - LMS1585ACSX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1585ACSX-3.3 NSC-LMS1585ACSX-3.3 Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585ACSX-3.3 TI1-LMS1585ACSX-3.3 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585ACSX-3.3/NOPB TI1-LMS1585ACSX-3.3/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1585ACSX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com