Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14050SQDDARQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14050SQDDARQ1
Description  LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14050SQDDARQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LMR14050SQDDARQ1 Datasheet HTML 1Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 2Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 3Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 4Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 5Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 6Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR14050SQDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
LMR14050-Q1
SNVSAG2A – NOVEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMR14050-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of -40°C to 125°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input Voltages
VIN, EN to GND
-0.3
44
V
BOOT to GND
-0.3
49
SS to GND
-0.3
5
FB to GND
-0.3
7
RT/SYNC to GND
-0.3
3.6
PGOOD to GND
-0.3
7
Output Voltages
BOOT to SW
6.5
V
SW to GND
-3
44
TJ
Junction temperature
-40
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002 (1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics .
6.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of -40°C to 125°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Buck Regulator
VIN
4
40
V
VOUT
0.8
28
BOOT
45
SW
-1
40
FB
0
5
Control
EN
0
40
V
RT/SYNC
0
3.3
SS
0
3
PGOOD to GND
0
5
Frequency
Switching frequency range at RT mode
200
2500
kHz
Switching frequency range at SYNC mode
250
2300
Temperature
Operating junction temperature, TJ
-40
125
°C


Similar Part No. - LMR14050SQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14050SQDDARQ1 TI1-LMR14050SQDDARQ1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LMR14050SQDDARQ1 TI-LMR14050SQDDARQ1 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
More results

Similar Description - LMR14050SQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com