Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR10510 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMR10510
Description  LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR10510 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR10510_15 Datasheet HTML 2Page - Texas Instruments LMR10510_15 Datasheet HTML 3Page - Texas Instruments LMR10510_15 Datasheet HTML 4Page - Texas Instruments LMR10510_15 Datasheet HTML 5Page - Texas Instruments LMR10510_15 Datasheet HTML 6Page - Texas Instruments LMR10510_15 Datasheet HTML 7Page - Texas Instruments LMR10510_15 Datasheet HTML 8Page - Texas Instruments LMR10510_15 Datasheet HTML 9Page - Texas Instruments LMR10510_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (
oC)
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
2.55
2.65
2.75
2.85
2.95
3.05
3.15
3.25
3.35
3.45
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
1.36
1.41
1.46
1.51
1.56
1.61
1.66
1.71
1.76
1.81
LMR10510
SNVS727B – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless stated otherwise, all curves taken at VIN = 5.0V with configuration in typical application circuit shown in Figure 22. TJ
= 25°C, unless otherwise specified.
Oscillator Frequency vs Temperature - "X"
Oscillator Frequency vs Temperature - "Y"
Figure 9.
Figure 10.
Current Limit vs Temperature
Vin = 3.3V
RDSON vs Temperature (WSON Package)
Figure 11.
Figure 12.
RDSON vs Temperature (SOT-23 Package)
LMR10510X IQ (Quiescent Current)
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR10510


Similar Part No. - LMR10510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
More results

Similar Description - LMR10510_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com