Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7121 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM7121
Description  LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7121 Datasheet(HTML) 1 Page - Texas Instruments

  LM7121_14 Datasheet HTML 1Page - Texas Instruments LM7121_14 Datasheet HTML 2Page - Texas Instruments LM7121_14 Datasheet HTML 3Page - Texas Instruments LM7121_14 Datasheet HTML 4Page - Texas Instruments LM7121_14 Datasheet HTML 5Page - Texas Instruments LM7121_14 Datasheet HTML 6Page - Texas Instruments LM7121_14 Datasheet HTML 7Page - Texas Instruments LM7121_14 Datasheet HTML 8Page - Texas Instruments LM7121_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7121
SNOS750A – AUGUST 1999 – REVISED OCTOBER 2014
LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
1 Features
3 Description
The LM7121 is a high performance operational
1
(Typical Unless Otherwise Noted). VS = ±15 V
amplifier
which
addresses
the
increasing
AC
Easy to use Voltage Feedback Topology
performance
needs
of
video
and
imaging
Stable with Unlimited Capacitive Loads
applications, and the size and power constraints of
portable applications.
Tiny SOT23-5 Package — Typical Circuit Layout
Takes Half the Space Of SO-8 Designs
The LM7121 can operate over a wide dynamic range
Unity Gain Frequency: 175 MHz
of supply voltages, from 5 V (single supply) up to
±15V (see Application and Implementation for more
Bandwidth (
−3 dB, AV = +1, RL = 100Ω): 235 MHz
details). It offers an excellent speed-power product
Slew Rate: 1300V/
μs
delivering 1300 V/
μs and 235 MHz Bandwidth (−3 dB,
Supply Voltages:
AV = +1). Another key feature of this operational
amplifier is stability while driving unlimited capacitive
SO-8: 5 V to ±15 V
loads.
SOT23-5: 5 V to ±5 V
Due to its tiny SOT23-5 package, the LM7121 is ideal
Characterized for: +5 V, ±5 V, ±15 V
for designs where space and weight are the critical
Low Supply Current: 5.3 mA
parameters. The benefits of the tiny package are
evident in small portable electronic devices, such as
2 Applications
cameras, and PC video cards. Tiny amplifiers are so
small that they can be placed anywhere on a board
Scanners, Color Fax, Digital Copiers
close to the signal source or near the input to an A/D
PC Video Cards
converter.
Cable Drivers
Device Information(1)
Digital Cameras
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC/DAC Buffers
SOT-23 (5)
2.921 mm × 1.651 mm
Set-top Boxes
LM7121
SOIC (8)
4.902 mm × 3.912 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Unity Gain Frequency vs. Supply Voltage
Typical Circuit for AV = +1 Operation
(VS= 6 V)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM7121_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7121 NSC-LM7121_14 Datasheet
709Kb / 21P
   LM7121 235 MHz Tiny Low Power Voltage Feedback Amplifier
More results

Similar Description - LM7121_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7121 NSC-LM7121_14 Datasheet
709Kb / 21P
   LM7121 235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7121 NSC-LM7121 Datasheet
666Kb / 19P
   235 MHz Tiny Low Power Voltage Feedback Amplifier
LM6317 NSC-LM6317 Datasheet
209Kb / 8P
   120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com