Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM600-SERIES Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM600-SERIES
Description  PWM step down DC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM600-SERIES Datasheet(HTML) 7 Page - ELM Technology Corporation

  ELM600-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
7 -
http://www.elm-tech.com
Rev.1.0
ELM600xB 1A 1.5MHz high efficiency synchronous PWM step down DC/DC converter
Startup
Vin=5.0V, Vout=1.8V, Iload=1A
200μs/div
Isw
1A/div
Shutdown
Vout
1V/div
Ven
5V/div
Vin
5V/div
Vin=5.0V, Vout=1.8V, Iload=1A
Isw
1A/div
Vout
1V/div
Ven
5V/div
Vin
5V/div
10μs/div
Output Ripple
Vin=5.0V, Vout=1.8V, Iload=1A
500ns/div
Isw
1A/div
Load Transient
Vout
10mV/div
Vin=5.0V, Vout=1.8V, Iload=0.05A~1A
200μs/div
1L
1A/div
Vout
50mV/div
Short Protection/Current limit
Vin=5.0V, Vout=1.8V, Iload=0A~short
200μs/div
Isw
2A/div
Vout
1V/div
Startup
Vin=5.0V, Vout=1.8V, Iload=1A
200μs/div
Isw
1A/div
Shutdown
Vout
1V/div
Ven
5V/div
Vin
5V/div
Vin=5.0V, Vout=1.8V, Iload=1A
Isw
1A/div
Vout
1V/div
Ven
5V/div
Vin
5V/div
10μs/div
Output Ripple
Vin=5.0V, Vout=1.8V, Iload=1A
500ns/div
Isw
1A/div
Load Transient
Vout
10mV/div
Vin=5.0V, Vout=1.8V, Iload=0.05A~1A
200μs/div
1L
1A/div
Vout
50mV/div
Short Protection/Current limit
Vin=5.0V, Vout=1.8V, Iload=0A~short
200μs/div
Isw
2A/div
Vout
1V/div


Similar Part No. - ELM600-SERIES

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM600 EVERLIGHT-ELM600 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM600(TA)-V EVERLIGHT-ELM600(TA)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
ELM600(TB)-V EVERLIGHT-ELM600(TB)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
More results

Similar Description - ELM600-SERIES

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com