Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM98-SERIES Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM98-SERIES
Description  CMOS Voltage regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM98-SERIES Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM98-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM98-SERIES Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Rev.1.0
12 -
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Output voltage
Vout
Vin=5.3V, Iout=1mA
3.234 3.300 3.366
V
Output current
Iout
Vin=3.9V
55
mA
Input stability
ΔVout/ΔVin Iout=50mA, 4.3V≤Vin≤18.0V
0.050 0.275 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤50mA, Vin=5.3V
5
20
mV
Input/output
voltage differential
Vdif
Iout=10mA
75
145
mV
Current consumption
Iss
Vin=5.3V, No-load
1.0
4.0
8.0
μA
Input voltage
Vin
2.2
18.0
V
Ripple rejection ratio
RR
Vin=5.3V, Iout=10mA, f=100Hz
65
dB
Short circuit current
Ishort
Vin=5.3V, Vout=0V
30
mA
Thermal shutdown temperature
Tsd
160
°C
Output voltage
temperature coefficient
ΔVout/Top Top=-40°C to +85°C
Vin=5.3V, Iout=1mA
±100
ppm/°C
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Output voltage
Vout
Vin=7.0V, Iout=1mA
4.900 5.000 5.100
V
Output current
Iout
Vin=5.6V
70
mA
Input stability
ΔVout/ΔVin Iout=50mA, 6.0V≤Vin≤18.0V
0.050 0.275 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤50mA, Vin=7.0V
5
20
mV
Input/output
voltage differential
Vdif
Iout=10mA
65
110
mV
Current consumption
Iss
Vin=7.0V, No-load
1.0
4.0
9.0
μA
Input voltage
Vin
2.2
18.0
V
Ripple rejection ratio
RR
Vin=7.0V, Iout=10mA, f=100Hz
65
dB
Short circuit current
Ishort
Vin=7.0V, Vout=0V
30
mA
Thermal shutdown temperature
Tsd
160
°C
Output voltage
temperature coefficient
ΔVout/ΔTop Top=-40°C to +85°C
Vin=7.0V, Iout=1mA
±100
ppm/°C
Top=25°C
Vout=3.3V(ELM98033xC)
Top=25°C
Vout=5.0V(ELM98050xC)
ELM98xxxxC CMOS Voltage regulator
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Vout
Vin=14.0V, Iout=1mA
11.760 12.000 12.240
V
Output current
Iout
Vin=12.6V
85
mA
Input stability
ΔVout/ΔVin Iout=50mA, 13.0V≤Vin≤18.0V
0.050 0.275
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤50mA, Vin=14.0V
5
20
mV
Input/output
voltage differential
Vdif
Iout=10mA
55
95
mV
Current consumption
Iss
Vin=14.0V, No-load
1.0
4.5
11.0
μA
Input voltage
Vin
2.2
18.0
V
Ripple rejection ratio
RR
Vin=14.0V, Iout=10mA, f=100Hz
60
dB
Short circuit current
Ishort
Vin=14.0V, Vout=0V
30
mA
Thermal shutdown
temperature
Tsd
160
°C
Output voltage
temperature coefficient
ΔVout/ΔTop Top=-40°C to +85°C
Vin=14.0V, Iout=1mA
±100
ppm/°C
Top=25°C
Vout=12.0V(ELM98120xC)


Similar Part No. - ELM98-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
List of Unclassifed Man...
ELM9812AA ETC2-ELM9812AA Datasheet
200Kb / 13P
   VOLTAGE REGULATOR
ELM9812BA ETC2-ELM9812BA Datasheet
200Kb / 13P
   VOLTAGE REGULATOR
ELM9813AA ETC2-ELM9813AA Datasheet
200Kb / 13P
   VOLTAGE REGULATOR
More results

Similar Description - ELM98-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-V5T2U SII-S-19212B25A-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
GTM CORPORATION
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com