Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM92-SERIES Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM92-SERIES
Description  CMOS 600kHz High output current PWM step-up
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92-SERIES Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM92-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 9Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 10Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 11Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 12Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 13Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
http://www.elm-tech.com
Rev.1.0
14 -
This DC/DC converter may cause electromagnetic noise due to switching of coil under large current. Solu-
tion is necessary especially when the IC is used in wireless devices.
To reduce noise, this IC is designed in consideration of coil switching characteristics. The following meth-
ods are also effective to reduce noise.
• Use shield-type, or magnetic shield coil.
• Locate coil and diode to the LX terminal of IC as close as possible.
• Select ground wire as thick and short as possible.
• Connect ground wire of circuit to one point.
4) Remedies for noise
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter
■Marking
Mark
Vout
Mark
Vout
2
2.*V
4
4.*V
3
3.*V
5
5.*V
a : Assembly lot No.
B to Z (I, O, X excepted)
b : Assembly lot No.
A to Z (I, O, X excepted)
Mark
Vout
Mark
Vout
0
*.0V
5
*.5V
1
*.1V
6
*.6V
2
*.2V
7
*.7V
3
*.3V
8
*.8V
4
*.4V
9
*.9V
SOT-89
SOP-89-5
• SOT-89 package
: ELM92xx1B
• SOT-89-5 package : ELM92xx2B(with CE)
c : the integer digit of the output voltage
d : the decimal digit of the output voltage


Similar Part No. - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92271B-N ELM-TECH-ELM92271B-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271C-N ELM-TECH-ELM92271C-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
More results

Similar Description - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com