Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM92-SERIES Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM92-SERIES
Description  CMOS 600kHz High output current PWM step-up
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92-SERIES Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM92-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 7Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 8Page - ELM Technology Corporation ELM92-SERIES Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
http://www.elm-tech.com
Rev.1.0
14 -
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=1.5V
2.633
2.700
2.767
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=1.5V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V
1
Current consumption1
Iss1 Vout=Vout(T)×0.95
280
450
μA
2
Current consumption2
Iss2 Vout=Vout(T)+0.5V
70
110
μA
2
Current consumption
in Shutdown
Isd Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron Vout=Vout(T)×0.95
270
370
4
Leakage current of LX switch
Ilxl Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=2.7V(ELM92272x)
* 1.Vout: input voltage to VOUT pin. 2.Vout(T): typical value of Vout1. 3.Vce: input voltage to CE pin. 4.Remarks: test circuit No
■Electrical characteristics (ELM92xx2x)
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit Note
Input voltage
Vin
7
V
Starting voltage
Vst No-load
0.9
V
1
Output voltage1
Vout1 Iout=60mA, Vin=1.5V
2.925
3.000
3.075
V
1
Output voltage2
Vout2 Iout=0.1mA, Vin=1.5V
Vout1
×1.005
Vout1
×1.010
Vout1
×1.020
V
1
Current consumption1
Iss1 Vout=Vout(T)×0.95
300
480
μA
2
Current consumption2
Iss2 Vout=Vout(T)+0.5V
75
120
μA
2
Current consumption
in Shutdown
Isd Vout=Vout(T)×0.95, Vce=0
0.5
μA
2
Oscillating frequency
Fosc Vout=Vout(T)×0.95
510
600
690
kHz
3
Duty ratio
Duty Vout=Vout(T)×0.95
80
88
95
%
3
Frequency of
Intermittent control
Fimt
12
17
kHz
3
On-resistance of LX switch
Ron Vout=Vout(T)×0.95
250
340
4
Leakage current of LX switch
Ilxl Vout=Vlx=7V
1
μA
5
CE Input voltage "H"
Vceh
0.8
V
6
CE Input voltage "L"
Vcel
0.25
V
6
CE Input current "H"
Iceh Vout=Vout(T)×0.95,
Vce=Vout(T)×0.95
0.1
μA
6
CE Input current "L"
Icel Vout=Vout(T)×0.95, Vce=0
-0.1
μA
6
Vout=3.0V(ELM92302x)
Vce=Vout, L=2.2μH, Cout=47μF, D=MA735, Vss=0V, Top=25°C
* 1.Vout: input voltage to VOUT pin. 2.Vout(T): typical value of Vout1. 3.Vce: input voltage to CE pin. 4.Remarks: test circuit No


Similar Part No. - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92271B-N ELM-TECH-ELM92271B-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92271C-N ELM-TECH-ELM92271C-N Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
More results

Similar Description - ELM92-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92271B-S ELM-TECH-ELM92271B-S Datasheet
147Kb / 15P
   CMOS 600kHz High output current PWM step-up DC/DC converter
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com