Electronic Components Datasheet Search |
|
ELM75-SERIES Datasheet(PDF) 1 Page - ELM Technology Corporation |
|
ELM75-SERIES Datasheet(HTML) 1 Page - ELM Technology Corporation |
1 / 13 page 1 Rev.1.2 13 - http://www.elm-tech.com ELM75xxxxxC CMOS Small package voltage detector ELM75xxxxxC is CMOS voltage detector provides lower current consumption-Typ.0.4μA(Vdd=VdetN+1V) and high accuracy (±2.0%) of detection voltage. It consists of very low-power-consumption reference voltage source, hysteresis comparator, output driver and detection voltage setting resistor. The output is positive logic; therefore, the output becomes low level when Vdd is lower than detection voltage. There are two output styles of ELM75 series: N-ch opendrain and CMOS output. The standard detection voltages are 1.1V, 2.2V, 2.4V, 2.7V. 3.0V and 4.0V; ELM75 series can also be made as semi-custom IC within the range of 0.9 to 5.5V by 0.1V step. • Detection voltage range : 0.9V to 5.5V (by 0.1V) • Low current consumption : Typ.0.4μA(Vdd=VdetN+1V) • Accuracy of detection voltage : ±2.0% • Low temperature coefficient : Typ.+100ppm/°C • Package : SOT-89, SOT-23, SC-70-5(SOT-353), SC-82AB(SOT-343) ■General description ■Features ■Application • Reset for microcomputers • Voltage power shortage detectors • Switch of back up power source • Battery checkers ■Maximum absolute ratings Parameter Symbol Limit Unit Power supply voltage Vdd Vss-0.3 to 8.0 V Output voltage Vout N-ch : Vss-0.3 to +8.0 V CMOS : Vss-0.3 to Vdd+0.3 Output current Iout 100 mA Power dissipation Pd 500 (SOT-89) mW 250 (SOT-23) 150 (SC-70-5)(SOT-353) 150 (SC-82AB)(SOT-343) Operationg temperature Top -40 to +85 °C Storage temperature Tstg -55 to +125 °C |
Similar Part No. - ELM75-SERIES |
|
Similar Description - ELM75-SERIES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |