Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1883IS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1883IS-T7
Description  Sync Separator with Horizontal Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1883IS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL1883IS-T7 Datasheet HTML 1Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 2Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 3Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 4Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 5Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 6Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 7Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 8Page - Intersil Corporation EL1883IS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7010.1
EL1883
Sync Separator with Horizontal Output
The EL1883 video sync separator is
manufactured using Elantec’s high
performance analog CMOS process.
This device extracts sync timing information from both
standard and non-standard video input and also in the
presence of Macrovision pulses. It provides composite sync,
vertical sync, burst/back porch timing, and horizontal
outputs. Fixed 70mV sync tip slicing provides sync edge
detection when the video input level is between 0.5VP-P and
2VP-P (sync tip amplitude 143mV to 572mV). A single
external resistor sets all internal timing to adjust for various
video standards. The composite sync output follows video in
sync pulses and a vertical sync pulse is output on the rising
edge of the first vertical serration following the vertical pre-
equalizing string. For non-standard vertical inputs, a default
vertical pulse is output when the vertical signal stays low for
longer than the vertical sync default delay time. The
horizontal output gives horizontal timing with pre/post
equalizing pulses.
The EL1883 is available in an 8-pin SO package and is
specified for operation over the full -40°C to +85°C
temperature range.
Features
• NTSC, PAL, SECAM, non-standard video sync separation
• Fixed 70mV slicing of video input levels from 0.5VP-P to
2VP-P
• Low supply current - 1.5mA typ.
• Single 3V to 5V supply
• Composite sync output
• Vertical output
• Horizontal output
• Burst/back porch output
• Macrovision compatible
• Available in 8-pin SO package
• Pb-free available
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Demo Board
• A dedicated demo board is available
Pinout
EL1883
(8-PIN SO)
TOP VIEW
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL1883IS
8-Pin SO
-
MDP0027
EL1883IS-T7
8-Pin SO
7”
MDP0027
EL1883IS-T13
8-Pin SO
13”
MDP0027
EL1883ISZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL1883ISZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL1883ISZ-
T13 (See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
COMPOSITE SYNC OUT
COMPOSITE VIDEO IN
VERTICAL SYNC OUT
GND
VDD
HORIZONTAL OUTPUT
RSET
BURST/BACK
PORCH OUTPUT
1
2
3
4
8
7
6
5
Data Sheet
July 26, 2004
CCAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL1883IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883IS-T7 INTERSIL-EL1883IS-T7 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883IS-T7 RENESAS-EL1883IS-T7 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
More results

Similar Description - EL1883IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883 INTERSIL-EL1883_06 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883 RENESAS-EL1883 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
logo
Intersil Corporation
EL4583 INTERSIL-EL4583 Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
logo
NTE Electronics
NTE1632 NTE-NTE1632 Datasheet
109Kb / 5P
   Integrated Circuit Vertical/Horizontal Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Zetex Semiconductors
ZXFV401 ZETEX-ZXFV401 Datasheet
117Kb / 8P
   SYNC SEPARATOR WITH VARIABLE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com