Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL1883
Description  Sync Separator with Horizontal Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1883 Datasheet(HTML) 4 Page - Intersil Corporation

  EL1883 Datasheet HTML 1Page - Intersil Corporation EL1883 Datasheet HTML 2Page - Intersil Corporation EL1883 Datasheet HTML 3Page - Intersil Corporation EL1883 Datasheet HTML 4Page - Intersil Corporation EL1883 Datasheet HTML 5Page - Intersil Corporation EL1883 Datasheet HTML 6Page - Intersil Corporation EL1883 Datasheet HTML 7Page - Intersil Corporation EL1883 Datasheet HTML 8Page - Intersil Corporation EL1883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FIGURE 5. VERTICAL SYNC WIDTH vs RSET
FIGURE 6. BURST/BACK PORCH DELAY vs TEMPERATURE
FIGURE 7. HORIZONTAL SYNC WIDTH vs TEMPERATURE
FIGURE 8. BURST/BACK PORCH WIDTH vs TEMPERATURE
FIGURE 9. VERTICAL SYNC PULSE WIDTH vs TEMPERATURE
FIGURE 10. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VDD=3V
VDD=5V
TA = 25°C
100
200
300
400
500
600
800
RSET (kΩ)
700
300
250
200
150
100
50
0
VDD=5V
VDD=3V
RSET = 681kΩ
-50
-30
-10
103050
90
TEMPERATURE (°C)
70
300
250
200
150
100
50
0
VDD=5V
VDD=3V
RSET = 681kΩ
-50
-30
-10
10
30
50
90
TEMPERATURE (°C)
70
5.25
5.2
5.15
5.1
5
4.95
4.85
4.9
VDD=5V
VDD=3V
RSET = 681kΩ
-50
-30
-10
103050
90
TEMPERATURE (°C)
70
3.62
3.6
3.58
3.56
3.54
3.52
3.46
3.5
3.48
VDD=5V
VDD=3V
RSET = 681kΩ
-50
-30
-10
10
30
50
90
TEMPERATURE (°C)
70
230
229
228
227
226
225
220
224
223
222
221
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
255075
100
125
150
TEMPERATURE (°C)
85
1.8
1.6
1.4
1.2
1
0.8
0
0.6
0.4
0.2
1.136W
θ
JA=11
0°C
/W
SO8
EL1883


Similar Part No. - EL1883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883 INTERSIL-EL1883 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883 RENESAS-EL1883 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
logo
Intersil Corporation
EL1883IS INTERSIL-EL1883IS Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883IS RENESAS-EL1883IS Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
logo
Intersil Corporation
EL1883IS-T13 INTERSIL-EL1883IS-T13 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
More results

Similar Description - EL1883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883 INTERSIL-EL1883_06 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883 RENESAS-EL1883 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
logo
Intersil Corporation
EL4583 INTERSIL-EL4583 Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
logo
NTE Electronics
NTE1632 NTE-NTE1632 Datasheet
109Kb / 5P
   Integrated Circuit Vertical/Horizontal Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Zetex Semiconductors
ZXFV401 ZETEX-ZXFV401 Datasheet
117Kb / 8P
   SYNC SEPARATOR WITH VARIABLE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com