Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63743-PC Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CY7C63743-PC
Description  enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743-PC Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY7C63743-PC Datasheet HTML 22Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 23Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 24Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 25Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 26Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 27Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 28Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 29Page - Cypress Semiconductor CY7C63743-PC Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
FOR
FOR
enCoRe™ USB CY7C63722/23
CY7C63743
Document #: 38-08022 Rev. **
Page 26 of 58
Bit 7: STALL
1 = The SIE will stall an OUT packet if the Mode Bits are set to ACK-OUT, and the SIE will stall an IN packet if the mode bits
are set to ACK-IN. See Section 22.0 for the available modes.
0 = This bit must be set to LOW for all other modes.
Bit [6:5]: Reserved. Must be written to zero during register writes.
Bit 4: ACKed Transaction
The ACKed transaction bit is set whenever the SIE engages in a transaction to the register's endpoint that completes with an
ACK packet.
1 = The transaction completes with an ACK.
0 = The transaction does not complete with an ACK.
Bit [3:0]: Mode Bit [3:0]
The EP1 and EP2 Mode Bits operate in the same manner as the EP0 Mode Bits (see Section 14.2).
14.4
USB Endpoint Counter Registers
There are three Endpoint Counter registers, with identical formats for both control and non-control endpoints. These registers
contain byte count information for USB transactions, as well as bits for data packet status. The format of these registers is shown
in Figure 14-4.
Bit 7: Data Toggle
This bit selects the DATA packet's toggle state. For IN transactions, firmware must set this bit to the select the transmitted
Data Toggle. For OUT or SETUP transactions, the hardware sets this bit to the state of the received Data Toggle bit.
1 = DATA1
0 = DATA0
Bit 6: Data Valid
This bit is used for OUT and SETUP tokens only. This bit is cleared to ‘0’ if CRC, bitstuff, or PID errors have occurred. This
bit does not update for some endpoint mode settings. Refer to Table 22-3 for more details.
1 = Data is valid.
0 = Data is invalid. If enabled, the endpoint interrupt will occur even if invalid data is received.
Bit [5:4]: Reserved
Bit [3:0]: Byte Count Bit [3:0]
Byte Count Bits indicate the number of data bytes in a transaction: For IN transactions, firmware loads the count with the
number of bytes to be transmitted to the host from the endpoint FIFO. Valid values are 0 to 8 inclusive. For OUT or SETUP
transactions, the count is updated by hardware to the number of data bytes received, plus 2 for the CRC bytes. Valid values
are 2 to 10 inclusive.
Bit #
76
5432
10
Bit Name
STALL
Reserved
ACKed
Transaction
Mode Bit
Read/Write
R/W
-
-
R/C
R/W
R/W
R/W
R/W
Reset
00
0000
00
Figure 14-3. USB Endpoint EP1, EP2 Mode Registers (Addresses 0x14 and 0x16)
Bit #
76
5432
10
Bit Name
Data Toggle
Data Valid
Reserved
Byte Count
Read/Write
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset
00
0000
00
Figure 14-4. Endpoint 0,1,2 Counter Registers (Addresses 0x11, 0x13 and 0x15)


Similar Part No. - CY7C63743-PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743-PC CYPRESS-CY7C63743-PC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63743-PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com