Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPC06077 Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # FPC06077
Description  8 to 12GHz 25dB Directional Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

FPC06077 Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  FPC06077 Datasheet HTML 1Page - Dielectric Laboratories, Inc. FPC06077 Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
DLI introduces its new high frequency surface
mountable catalog direction couplers. These
couplers incorporate DLI’s high dielectric
ceramic materials which provide small size
and minimal performance variation over
temperature. The components are well
matched for monitoring incident and reflected
power.
FEATURES
Small Size
Frequency Stable over Temperature
Solder Surface Mountable
Excellent Repeatability
Operating Temp: -55˚C to +125˚C
Characteristic Impedance: 50Ω
SPECIFICATIONS*
*Typical measured performance mounted on RO4350B test board at 25°C.
8 to 12GHz 25dB Directional Coupler
FPC06077
Typical Measured Performance
Parameter
Frequency
(GHz)
Min
Max
Passband Insertion Loss*
(dB)
0.3
8 - 12
Min Passband Return Loss
(dB)
15
Coupling (dB)
23
25
Directivity (dB)
10
Size (LxWxH)
0.120 x .080 x .015 in
3.048 x 2.032 x .381mm
www.knowlescapacitors.com
www.dilabs.com
2777 Route 20 East, Cazenovia, NY 13035| Ph: (315)655-8710 | KCCSales@knowles.com
May 2015
*Electrical specifications based on typical mounted performance at room
temperature. Insertion loss shall vary ±0.5dB over temperature.


Similar Part No. - FPC06077

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
FPC06077 KNOWLES-FPC06077 Datasheet
346Kb / 2P
   8 to 12GHz 25dB Directional Coupler
More results

Similar Description - FPC06077

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
FPC06077 KNOWLES-FPC06077 Datasheet
346Kb / 2P
   8 to 12GHz 25dB Directional Coupler
FPC06302 KNOWLES-FPC06302 Datasheet
304Kb / 2P
   8 to 12GHz 20dB Directional Coupler
logo
Dielectric Laboratories...
FPC06074 DILABS-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
logo
Knowles Electronics
FPC06153 KNOWLES-FPC06153 Datasheet
297Kb / 2P
   8 to 12GHz 20dB Directional Coupler
FPC06150 KNOWLES-FPC06150 Datasheet
304Kb / 2P
   8 to 12GHz 10dB Directional Coupler
FPC06074 KNOWLES-FPC06074 Datasheet
300Kb / 2P
   8 to 12GHz 10dB Directional Coupler
logo
American Accurate Compo...
JXMBOH-T-800-2500-25 AAC-JXMBOH-T-800-2500-25 Datasheet
161Kb / 1P
   Air Dielectric Directional Coupler (25dB, 30dB)
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com