Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH30D14DHF-3R3MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH30D14DHF-3R3MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH30D14DHF-3R3MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH30D14DHF-3R3MC Datasheet HTML 1Page - Sumida Corporation CDH30D14DHF-3R3MC Datasheet HTML 2Page - Sumida Corporation CDH30D14DHF-3R3MC Datasheet HTML 3Page - Sumida Corporation CDH30D14DHF-3R3MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH30D14D
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.51
0.59
0.68
613
±20%
15
±20%
H
CDH3ØD14DHF-15ØMC
0.68
0.74
0.89
408
±20%
10
±20%
G
CDH3ØD14DHF-1ØØMC
0.80
0.90
1.05
271
±20%
6.8
±20%
F
CDH3ØD14DHF-6R8MC
1.00
1.05
1.23
206
±20%
4.7
±20%
E
CDH3ØD14DHF-4R7MC
1.28
1.28
1.53
121
±20%
3.3
±20%
D
CDH3ØD14DHF-3R3MC
1.57
1.53
1.89
87
±25%
2.2
±30%
C
CDH3ØD14DHF-2R2NC
1.82
1.83
2.19
66
±25%
1.6
±30%
B
CDH3ØD14DHF-1R6NC
2.20
2.25
2.66
48
±25%
1.0
±30%
A
CDH3ØD14DHF-1RØNC
(at100
℃)
(at20
℃)
Temperature rise
current (A)
※3
Saturation current
(A)
※2
D.C.R. (m
Ω)
[Within]
(at 20
℃)
Inductance (
μH)
[Within]※1
Stamp
Part No.


Similar Part No. - CDH30D14DHF-3R3MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH30D14DSHP SUMIDA-CDH30D14DSHP Datasheet
153Kb / 3P
   SMD Power Inductor
CDH30D14DSHPHF-100MC SUMIDA-CDH30D14DSHPHF-100MC Datasheet
153Kb / 3P
   SMD Power Inductor
CDH30D14DSHPHF-1R0NC SUMIDA-CDH30D14DSHPHF-1R0NC Datasheet
153Kb / 3P
   SMD Power Inductor
CDH30D14DSHPHF-1R5NC SUMIDA-CDH30D14DSHPHF-1R5NC Datasheet
153Kb / 3P
   SMD Power Inductor
CDH30D14DSHPHF-2R2NC SUMIDA-CDH30D14DSHPHF-2R2NC Datasheet
153Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH30D14DHF-3R3MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com