Electronic Components Datasheet Search |
|
ULV8F2G11G3C1 Datasheet(PDF) 1 Page - E-SWITCH |
|
ULV8F2G11G3C1 Datasheet(HTML) 1 Page - E-SWITCH |
1 / 3 page www.e-switch.com 800.867.2717 2 RoHS Audio / Visual Security Devices Industrial Controls Electrical Housewares Kiosks Specifications Features & Benefits Applications / Markets Part Number Configurator ULV8 Series Anti-vandal Switch Specifications subject to change without notice • 25mm diameter panel cutout • Ring illumination • Multiple switch functions available • Multiple illumination voltage options • IP67 rated • SPDT or DPDT • UL Certified Electrical Rating: 3A, 250VAC Mechanical Life: 1,000,000 cycles (momentary); 500,000 cycles (latching) Electrical Life: 50,000 Cycles Contact Resistance: 50mΩ Insulation Resistance: 1000 MΩ @ 500VDC Dielectric Strength: 2,000VAC Operating/Storage Temperature: -20°C to 55°C Travel: 3.2mm Moisture Protection: IP67 Contact Arrangement: SPDT or DPDT Actuation Force: Single Pole: 2.5N; Double Pole: 3.5N Panel Thickness: 1-10mm Hex Nut Torque: 5-14Nm Mechanical Impact Protection: IK10 Agency Approvals: cURus ULV8 F - Flat None - Silver G - Gold S - Stainless Steel 1 - Black Anodized Series Actuator Contact Material Body Finish Medical Equipment 2 - Solder Terminal 3 - 1P ON-ON B - 1P ON-(ON)* G - 2P ON-ON H - 2P ON-(ON)* Function S - Stainless Steel 1 - Black Anodized Actuator Finish None - Non- Illuminated 3 - Ring, moveable with actuator Lens Style None - Non- Illuminated 0 - White 1 - Red 2 - Orange 3 - Green 4 - Blue 5 - Yellow C - White / Green G - Red / Green H - Red / Blue J - Red / Yellow K - Orange / Green L - Orange / Blue M - Orange / Yellow N - Green / Blue P - Green / Yellow Q - Blue / Yellow LED Color None - Non- Illuminated 1 - 3V 3 - 6V 4 - 12V 5 - 24V 6 - 110V 7 - 220V Illumination Voltage NOTES: *( ) denotes function is momentary |
Similar Part No. - ULV8F2G11G3C1 |
|
Similar Description - ULV8F2G11G3C1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |