Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28RNP-120NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D28RNP-120NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D28RNP-120NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D28RNP-120NC Datasheet HTML 1Page - Sumida Corporation CDRH5D28RNP-120NC Datasheet HTML 2Page - Sumida Corporation CDRH5D28RNP-120NC Datasheet HTML 3Page - Sumida Corporation CDRH5D28RNP-120NC Datasheet HTML 4Page - Sumida Corporation CDRH5D28RNP-120NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH5D28R
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of it’s nominal value
or when
△t=30℃,whichever is lower (Ta=20℃).
0.40
520.0(385)
100
±30%
101
CDRH5D28RNP-101NC
0.45
418.5(310)
82
±30%
820
CDRH5D28RNP-820NC
0.48
351.0(260)
68
±30%
680
CDRH5D28RNP-680NC
0.55
305.0(226)
56
±30%
560
CDRH5D28RNP-560NC
0.60
229.5(170)
47
±30%
470
CDRH5D28RNP-470NC
0.68
209.5(155)
39
±30%
390
CDRH5D28RNP-390NC
0.76
182.5(135)
33
±30%
330
CDRH5D28RNP-330NC
0.85
146.0(108)
27
±30%
270
CDRH5D28RNP-270NC
0.95
119.0(88)
22
±30%
220
CDRH5D28RNP-220NC
1.05
101.5(75)
18
±30%
180
CDRH5D28RNP-180NC
1.10
82.4(61)
15
±30%
150
CDRH5D28RNP-150NC
1.20
71.6(53)
12
±30%
120
CDRH5D28RNP-120NC
1.30
54.0(40)
10
±30%
100
CDRH5D28RNP-100NC
1.50
49.9(37)
8.0
±30%
8R0
CDRH5D28RNP-8R0NC
1.70
41.9(31)
6.0
±30%
6R0
CDRH5D28RNP-6R0NC
1.85
31.1(23)
5.0
±30%
5R0
CDRH5D28RNP-5R0NC
2.10
27.0(20)
4.0
±30%
4R0
CDRH5D28RNP-4R0NC
2.30
20.3(15)
3.3
±30%
3R3
CDRH5D28RNP-3R3NC
2.60
17.6(13)
2.5
±30%
2R5
CDRH5D28RNP-2R5NC
Rated Current
(A)
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH5D28RNP-120NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28R SUMIDA-CDRH5D28R Datasheet
101Kb / 2P
   POWER INDUCTORS
CDRH5D28R SUMIDA-CDRH5D28R Datasheet
129Kb / 1P
   POWER INDUCTORS
CDRH5D28R/H125 SUMIDA-CDRH5D28R/H125 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH5D28RBH125 SUMIDA-CDRH5D28RBH125 Datasheet
223Kb / 4P
   SMD Power Inductor
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
More results

Similar Description - CDRH5D28RNP-120NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com