Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH50D18RHF-820MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH50D18RHF-820MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH50D18RHF-820MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH50D18RHF-820MC Datasheet HTML 1Page - Sumida Corporation CDRH50D18RHF-820MC Datasheet HTML 2Page - Sumida Corporation CDRH50D18RHF-820MC Datasheet HTML 3Page - Sumida Corporation CDRH50D18RHF-820MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH50D18R
※ 1 Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※ 2 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Electrical Characteristics
0.38
0.29
0.34
1300
±25%
100
±20%
P
CDRH5ØD18RHF-1Ø1MC
0.43
0.33
0.40
1180
±25%
82
±20%
N
CDRH5ØD18RHF-82ØMC
0.48
0.37
0.46
1054
±25%
68
±20%
M
CDRH5ØD18RHF-68ØMC
0.70
0.44
0.53
590
±25%
47
±20%
L
CDRH5ØD18RHF-47ØMC
0.90
0.52
0.65
347
±25%
33
±20%
K
CDRH5ØD18RHF-33ØMC
1.10
0.65
0.85
238
±25%
22
±20%
J
CDRH5ØD18RHF-22ØMC
1.30
0.80
0.95
177
±25%
15
±20%
I
CDRH5ØD18RHF-15ØMC
1.55
0.95
1.10
113
±25%
10
±20%
H
CDRH5ØD18RHF-1ØØMC
1.65
1.05
1.20
97
±25%
8.2
±30%
G
CDRH5ØD18RHF-8R2NC
1.80
1.20
1.40
73
±25%
6.8
±30%
F
CDRH5ØD18RHF-6R8NC
2.20
1.40
1.70
50
±25%
4.7
±30%
E
CDRH5ØD18RHF-4R7NC
2.50
1.70
2.10
39
±25%
3.3
±30%
D
CDRH5ØD18RHF-3R3NC
3.40
2.00
2.40
27
±25%
2.2
±30%
C
CDRH5ØD18RHF-2R2NC
3.70
2.40
3.10
23
±25%
1.5
±30%
B
CDRH5ØD18RHF-1R5NC
4.10
2.70
3.40
19
±25%
1.0
±30%
A
CDRH5ØD18RHF-1RØNC
(at 105
℃)
(at 20
℃)
Temperature
Rise current
(
A) ※2
Saturation current
(A)※1
D.C.R.(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH) 100kHz
Stamp
Part No.


Similar Part No. - CDRH50D18RHF-820MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH50D18RHF-820MC SUMIDA-CDRH50D18RHF-820MC Datasheet
162Kb / 4P
   Power Inductor
More results

Similar Description - CDRH50D18RHF-820MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com