Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB16F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # TB16F
Description  1A SURFACE MOUNT SCHOTTKY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

TB16F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  TB16F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB16F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD TB16F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1A SURFACE MOUNT SCHOTTKY BRIDGE
FEATURES:
Reverse Voltage - 40 to 200 V
Forward Current - 1.0 A
High Surge Current Capability
Designed for Surface Mount Application
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
VRRM
VRMS
VDC
V
V
V
Maximum Ratings and Electrical characteristics
Units
Symbols
TB14F
TB16F
TB18F
TB110F
TB120F
40
60
80
100
200
40
60
80
100
200
Typical Junction Capacitance (Note:1)
1.0
30
0.3
10
95
-55 ~ +125
A
A
V
mA
pF
°C
Typical Thermal Resistance (Note: 2)
°C/W
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 1 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
T = 25
°C
a
T =100
°C
a
IO
IFSM
VF
IR
RθJA
Cj
Tj
Tstg
Storage Temperature Range
0.55
0.70
0.85
110
-55 ~ +150
°C
0.2
5
0.1
2
80
40
28
42
56
70
140
MECHANICAL DATA
• Case: ABF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
82mg 0.0029oz
pprox. Weight:
ABF Package
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
1
2
3
4
Average Rectified Output Current
at T = 100
°C
c
TB14F THRU TB120F
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×
×
×
) copper pad.
1.5" 1.5"
3.81 3.81 cm
www.yfwdiode.com


Similar Part No. - TB16F

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
TB16F-PJ PJSEMI-TB16F-PJ Datasheet
453Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
More results

Similar Description - TB16F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB14F-MBF YFWDIODE-MB14F-MBF Datasheet
427Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14S-LBF YFWDIODE-TB14S-LBF Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
UMB14 YFWDIODE-UMB14 Datasheet
434Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S-MBS YFWDIODE-MB14S-MBS Datasheet
433Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F_V01 Datasheet
497Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14S SKTECHNOLGY-MB14S Datasheet
298Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
TB14S YFWDIODE-TB14S Datasheet
508Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S YFWDIODE-MB14S Datasheet
500Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14FK SKTECHNOLGY-MB14FK Datasheet
286Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com