Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR157NP-100MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRR157NP-100MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR157NP-100MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRR157NP-100MC Datasheet HTML 1Page - Sumida Corporation CDRR157NP-100MC Datasheet HTML 2Page - Sumida Corporation CDRR157NP-100MC Datasheet HTML 3Page - Sumida Corporation CDRR157NP-100MC Datasheet HTML 4Page - Sumida Corporation CDRR157NP-100MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRR157
Electrical Characteristics
※1. Inductance measuring condition: at 100 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.4
0.60
2388(1910)
1000
μH±20%
102M
CDRR157NP-102MC
0.5
0.75
1544(1227)
680
μH±20%
681M
CDRR157NP-681MC
0.6
0.9
1000.0(800)
470
μH±20%
471M
CDRR157NP-471MC
0.7
1.1
738.0(590)
330
μH±20%
331M
CDRR157NP-331MC
0.8
1.2
595.0(475)
270
μH±20%
271M
CDRR157NP-271MC
0.9
1.3
485.0(388)
220
μH±20%
221M
CDRR157NP-221MC
1.1
1.6
330.0(264)
150
μH±20%
151M
CDRR157NP-151MC
1.3
2.0
244.0(195)
100
μH±20%
101M
CDRR157NP-101MC
1.6
2.4
166.0(133)
68
μH±20%
680M
CDRR157NP-680MC
2.0
2.9
105.0(84.0)
47
μH±20%
470M
CDRR157NP-470MC
2.7
3.5
69.0(55.0)
33
μH±20%
330M
CDRR157NP-330MC
3.5
4.2
47.0(37.5)
22
μH±20%
220M
CDRR157NP-220MC
3.8
5.0
37.5(30.0)
15
μH±20%
150M
CDRR157NP-150MC
5.0
6.4
25.0(20.0)
10
μH±20%
100M
CDRR157NP-100MC
6.0
7.6
16.5(13.2)
6.8
μH±20%
6R8M
CDRR157NP-6R8MC
6.5
9.2
12.9(10.3)
4.7
μH±20%
4R7M
CDRR157NP-4R7MC
7.5
10.8
9.6(7.7)
3.3
μH±20%
3R3M
CDRR157NP-3R3MC
8.0
12.0
8.3(6.6)
2.7
μH±20%
2R7M
CDRR157NP-2R7MC
9.0
13.4
7.0(5.6)
2.0
μH±20%
2R0M
CDRR157NP-2R0MC
9.2
17.0
5.7(4.5)
1.3
μH±20%
1R3M
CDRR157NP-1R3MC
Temperature
rise current
( A )
※3
Saturation
Current
(A)※2
D.C.R .(m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(μH )
[within]※1
Stamp
Part Name


Similar Part No. - CDRR157NP-100MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR157NP-100MC SUMIDA-CDRR157NP-100MC Datasheet
213Kb / 2P
   Power Inductor< SMD Type : CDRR Series>
More results

Similar Description - CDRR157NP-100MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com