Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5707APHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5707APHPR Datasheet HTML 1Page - Texas Instruments TAS5707APHPR Datasheet HTML 2Page - Texas Instruments TAS5707APHPR Datasheet HTML 3Page - Texas Instruments TAS5707APHPR Datasheet HTML 4Page - Texas Instruments TAS5707APHPR Datasheet HTML 5Page - Texas Instruments TAS5707APHPR Datasheet HTML 6Page - Texas Instruments TAS5707APHPR Datasheet HTML 7Page - Texas Instruments TAS5707APHPR Datasheet HTML 8Page - Texas Instruments TAS5707APHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Check for Samples: TAS5707 TAS5707A
1
FEATURES
23
Audio Input/Output
Night-Mode Listening
20-W Into an 8-
Ω Load From an 18-V Supply
Autobank Switching: Preload Coefficients
for Different Sample Rates. No Need to
Wide PVDD Range, From 8 V to 26 V
Write New Coefficients to the Part When
Efficient Class-D Operation Eliminates
Sample Rate Changes.
Need for Heatsinks
Autodetect: Automatically Detects
Requires Only 3.3 V and PVDD
Sample-Rate Changes. No Need for
One Serial Audio Input (Two Audio
External Microprocessor Intervention
Channels)
Supports 8-kHz to 48-kHz Sample Rate
APPLICATIONS
(LJ/RJ/I2S)
Television
Audio/PWM Processing
iPod™ Dock
Independent Channel Volume Controls With
Sound Bar
24 dB to Mute
DESCRIPTION
Soft Mute (50% Duty Cycle)
Programmable Dynamic Range Control
The TAS5707 is a 20-W, efficient, digital-audio power
amplifier for driving stereo bridge-tied speakers. One
14 Programmable Biquads for Speaker EQ
serial data input allows processing of up to two
and Other Audio Processing Features
discrete audio channels and seamless integration to
Programmable Coefficients for DRC Filters
most digital audio processors and MPEG decoders.
DC Blocking Filters
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
General Features
these channels to the internal speaker drivers.
Serial Control Interface Operational Without
MCLK
The TAS5707 is a slave-only device receiving all
clocks from external sources. The TAS5707 operates
Factory-Trimmed Internal Oscillator for
with a PWM carrier between a 384-kHz switching rate
Automatic Rate Detection
and 352-KHz switching rate, depending on the input
Surface Mount, 48-PIN, 7-mm × 7-mm
sample
rate.
Oversampling
combined
with
a
HTQFP Package
fourth-order noise shaper provides a flat noise floor
and excellent dynamic range from 20 Hz to 20 kHz..
Thermal and Short-Circuit Protection
Benefits
The TAS5707A is identical in function to the HTQFP
packaged TAS5707, but has a unique I2C device
EQ: Speaker Equalization Improves Audio
address. The address of the TAS5707 is 0x36. The
Performance
address of the TAS5707A is 0x3A.
DRC: Dynamic Range Compression. Can
Be Used As Power Limiter. Enables
Speaker Protection, Easy Listening,
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
iPod is a trademark of Apple Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5707APHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5707APHPR TI1-TAS5707APHPR Datasheet
1Mb / 58P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5707APHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709 Datasheet
1Mb / 59P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5707 TI1-TAS5707_13 Datasheet
1Mb / 58P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com