Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5613APHD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5613APHD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5613APHD Datasheet HTML 1Page - Texas Instruments TAS5613APHD Datasheet HTML 2Page - Texas Instruments TAS5613APHD Datasheet HTML 3Page - Texas Instruments TAS5613APHD Datasheet HTML 4Page - Texas Instruments TAS5613APHD Datasheet HTML 5Page - Texas Instruments TAS5613APHD Datasheet HTML 6Page - Texas Instruments TAS5613APHD Datasheet HTML 7Page - Texas Instruments TAS5613APHD Datasheet HTML 8Page - Texas Instruments TAS5613APHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PurePathDigital
0,1
1
10
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
TC = 75 C
CONFIG = BTL
0,001
0,01
0,1
1
10
0,01
1
100
P
O - Output Power - W
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
TC = 75 C
CONFIG = BTL
TAS5613A
www.ti.com
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
150W STEREO / 300W MONO PurePath
™ HD ANALOG-INPUT POWER STAGE
Check for Samples: TAS5613A
1
FEATURES
Thermally Enhanced Package Options:
– PHD (64-pin QFP)
23
Active Enabled Integrated Feedback Provides:
(PurePath
™ HD)
– DKD (44-pin PSOP3)
– Signal Bandwidth up to 80kHz for High
APPLICATIONS
Frequency Content From HD Sources
– Ultra Low 0.03% THD at 1W into 4Ω
Home Theater Systems
– Flat THD at all Frequencies for Natural
AV Receivers
Sound
DVD/ Blu-ray Disk
™ Receivers
– 80dB PSRR (BTL, No Input Signal)
Mini Combo Systems
– >100dB (A Weighted) SNR
Active Speakers and Subwoofers
– Click and Pop Free Startup and Stop
DESCRIPTION
Pin compatible with TAS5630, TAS5615 and
The TAS5613A is a high-performance analog input
TAS5611
Class
D
amplifier
with
integrated
closed
loop
Multiple Configurations Possible on the Same
feedback technology (known as PurePath
™ HD). It
PCB:
has the ability to drive up to 150 W.(1) Stereo into 4
– Mono Parallel Bridge Tied Load (PBTL)
speakers from a single 36V supply.
– Stereo Bridge Tied Load (BTL)
PurePath
HD
technology
enables
traditional
– 2.1 Single Ended (SE) Stereo Pair and
AB-Amplifier performance (
<0.03% THD) levels while
Bridge Tied Load Subwoofer
providing the power efficiency of traditional class D
amplifiers.
Total Output Power at 10%THD+N
Unlike traditional Class-D amplifiers, the distortion
– 300W in Mono PBTL Configuration
curve only increases once the output levels move into
– 150W per Channel in Stereo BTL
clipping.
Configuration
PurePath
™ HD technology enables lower idle losses
Total Output Power in BTL Configuration at
making the device even more efficient.
1%THD+N
– 160W Stereo into 3Ω
– 125W Stereo into 4Ω
– 85W Stereo into 6Ω
– 65W Stereo into 8Ω
>90% Efficient Power Stage With 60-mΩ
Output MOSFETs
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short Circuit Protection) With Error Reporting
EMI Compliant When Used With
Recommended System Design
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high performance
thermal interface material between the package exposed
heatslug and the heat sink should be used to achieve high
output power levels
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Blu-ray Disk is a trademark of Blu-ray Disc Association.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5613APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613APHD TI-TAS5613APHD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613APHDR TI-TAS5613APHDR Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5613APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com