Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5613APHD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5613APHD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5613APHD Datasheet HTML 1Page - Texas Instruments TAS5613APHD Datasheet HTML 2Page - Texas Instruments TAS5613APHD Datasheet HTML 3Page - Texas Instruments TAS5613APHD Datasheet HTML 4Page - Texas Instruments TAS5613APHD Datasheet HTML 5Page - Texas Instruments TAS5613APHD Datasheet HTML 6Page - Texas Instruments TAS5613APHD Datasheet HTML 7Page - Texas Instruments TAS5613APHD Datasheet HTML 8Page - Texas Instruments TAS5613APHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TAS5613A
www.ti.com
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG
DESCRIPTION
INPUT
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2
× BTL
AD mode
0
0
1
Reserved
0
1
0
Differential
2
× BTL
BD mode
Differential
(BTL)
0
1
1
1
× BTL + 2 × SE
BTL = BD mode, SE = AD mode
Single Ended
(SE)
1
0
0
Single Ended
4
× SE
AD mode
INPUT_C(1)
INPUT_D(1)
1
0
1
Differential
1
× PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=GND).
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5613APHD
TAS5613ADKD
RθJC (°C/W) – 2 BTL or 4 SE channels
3.2
2.1
RθJC (°C/W) – 1 BTL or 2 SE channel(s)
5.4
3.5
RθJC (°C/W) – 1 SE channel
7.9
5.1
Pad Area (2)
64 mm2
80 mm2
(1)
JC is junction-to-case, CH is case-to-heat sink
(2)
RθH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heat sink and both
channels active. The RθCH with this condition is 1.22°C/W for the PHD package and 1.02°C/W for the DKD package.
Table 1. ORDERING INFORMATION (1)
TA
PACKAGE
DESCRIPTION
TAS5613APHD
64 pin HTQFP
0
°C–70°C
TAS5613ADKD
44 pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - TAS5613APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613APHD TI-TAS5613APHD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613APHDR TI-TAS5613APHDR Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5613APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com