Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5414BTPHDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5414BTPHDRQ1
Description  FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5414BTPHDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5414BTPHDRQ1 Datasheet HTML 1Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 2Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 3Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 4Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 5Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 6Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 7Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 8Page - Texas Instruments TAS5414BTPHDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TAS5414B-Q1
TAS5424B-Q1
www.ti.com
SLOS673
– DECEMBER 2011
FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
Check for Samples: TAS5414B-Q1, TAS5424B-Q1
1
FEATURES
TAS5414B-Q1
– Single-Ended Input
36-Pin PSOP3 (DKD) Power SOP Package With
Heat Slug Up for the TAS5414B-Q1
TAS5424B-Q1
– Differential Input
44-Pin PSOP3 (DKD) Power SOP Package With
Four-Channel Digital Power Amplifier
Heat Slug Up for the TAS5424B-Q1
Four Analog Inputs, Four BTL Power Outputs
44-Pin PSOP3 (DKE) Low-Standoff Power SOP
Typical Output Power at 10% THD+N
Package With Heat Slug Up for the
– 28 W/Ch Into 4 Ω at 14.4 V
TAS5424B-Q1
– 50 W/Ch Into 2 Ω at 14.4 V
64-Pin QFP (PHD) Power Package With Heat
– 79 W/Ch Into 4 Ω at 24 V
Slug Up for TAS5414B-Q1
– 150 W/Ch Into 2 Ω at 24 V (PBTL)
Designed for Automotive EMC Requirements
Channels Can Be Paralleled (PBTL) for High
Qualified According to AEC-Q100
Current Applications
ISO9000:2002 TS16949 Certified
THD+N
< 0.02%, 1 kHz, 1 W Into 4 Ω
–40°C to 105°C Ambient Temperature Range
Patented Pop- and Click-Reduction
Technology
APPLICATIONS
– Soft Muting With Gain Ramp Control
OEM/Retail Head Units and Amplifier Modules
– Common-Mode Ramping
Where Feature Densities and System
Configurations Require Reduction in Heat
Patented AM Interference Avoidance
From the Audio Power Amplifier
Patented Cycle-by-Cycle Current Limit
75-dB PSRR
DESCRIPTION
Four-Address I2C Serial Interface for Device
The
TAS5414B-Q1
and
TAS5424B-Q1
are
Configuration and Control
four-channel digital audio amplifiers designed for use
Channel Gains: 12-dB, 20-dB, 26-dB, 32-dB
in automotive head units and external amplifier
modules. They provide four channels at 23 W
Load Diagnostic Functions:
continuously into 4
Ω at less than 1% THD+N from a
– Output Open and Shorted Load
14.4-V supply. Each channel can also deliver 38 W
– Output-to-Power and -to-Ground Shorts
into 2
Ω at 1% THD+N. The TAS5414B-Q1 uses
single-ended analog inputs, while the TAS5424B-Q1
– Patented Tweeter Detection
employs differential inputs for increased immunity to
Protection and Monitoring Functions:
common-mode
system
noise.
The
digital
PWM
– Short-Circuit Protection
topology
of
the
device
provides
dramatic
improvements in efficiency over traditional linear
– Load-Dump Protection to 50 V
amplifier solutions. This reduces the power dissipated
– Fortuitous Open Ground and Power
by the amplifier by a factor of ten under typical music
Tolerant
playback conditions. The device incorporates all the
– Patented Output DC Level Detection While
functionality needed to perform in the demanding
Music Playing
OEM applications area. They have built-in load
diagnostic functions for detecting and diagnosing
– Over-temperature Protection
misconnected outputs to help to reduce test time
– Over- and Undervoltage Conditions
during the manufacturing process.
– Clip Detection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5414BTPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414BTPHDRQ1 TI1-TAS5414BTPHDRQ1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results

Similar Description - TAS5414BTPHDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414 TI-TAS5414 Datasheet
880Kb / 41P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_08 Datasheet
1Mb / 48P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com