Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT130 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # IT130
Description  MONOLITHIC DUAL PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

IT130 Datasheet(HTML) 2 Page - Linear Integrated Systems

  IT130 Datasheet HTML 1Page - Linear Integrated Systems IT130 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
MATCHING CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL
CHARACTERISTICS
IT130A
IT130
IT131
IT132
UNITS CONDITIONS
|V
BE1
-V
BE2
|
Base Emitter Voltage Differential
1
2
3
5
MAX. mV
I
C
= 10
µAV
CE
= 5V
∆|(V
BE1
-V
BE2
)|/
∆T Base Emitter Voltage Differential
3
5
10
20
MAX.
µV/°CI
C
= 10
µAV
CE
= 5V
Change with Temperature
T = -55
°C to +125°C
|I
B1
- I
B2
|
Base Current Differential
2.5
5
25
25
MAX. nA
I
C
= 10
µAV
CE
= 5V
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
8
4
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3 4
5
6
7
8
0.029
0.045
SEATING
PLANE
C1 1
2
3
45
6
7
8
B1
E1
N/C
N/C
C2
B2
E2
P-DIP
C1 1
2
3
45
6
7
8
B1
E1
N/C
N/C
C2
B2
E2
0.150
0.158
(3.81)
(4.01)
0.188
0.197
0.228
0.244
(5.79)
(6.20)
SOIC
N/C
0.320
0.290
(8.13)
(7.37)
0.405
MAX.
(10.29)
(4.78)
(5.00)
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. The reverse base-to-emitter voltage must never exceed 6.2 volts; the reverse base-to-emitter current must never exceed 10
µA.


Similar Part No. - IT130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IT130 INTERSIL-IT130 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
IT130 MICROSS-IT130 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT130
logo
Ensign Corporation
IT130-1-010X ENSIGN-IT130-1-010X Datasheet
303Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT130-1-012X ENSIGN-IT130-1-012X Datasheet
303Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IT130-1-016X ENSIGN-IT130-1-016X Datasheet
303Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results

Similar Description - IT130

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS350-2 LINEAR-LS350-2 Datasheet
29Kb / 2P
   MONOLITHIC DUAL PNP TRANSISTORS
3550 LINEAR-3550 Datasheet
299Kb / 2P
   MONOLITHIC DUAL PNP TRANSISTORS
LS3550 LINEAR-LS3550_14 Datasheet
270Kb / 2P
   MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
   LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
ON Semiconductor
NSM11156DW6T1G ONSEMI-NSM11156DW6T1G Datasheet
76Kb / 4P
   Dual PNP Transistors
March, 2008 - Rev. 0
logo
Linear Integrated Syste...
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
   MONOLITHIC DUAL NPN TRANSISTORS
LS310 LINEAR-LS310_14 Datasheet
360Kb / 2P
   MONOLITHIC DUAL NPN TRANSISTORS
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
   MONOLITHIC DUAL NPN TRANSISTORS
3250 LINEAR-3250 Datasheet
298Kb / 2P
   MONOLITHIC DUAL NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com