Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5110A Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5110A
Description  PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5110A Datasheet(HTML) 5 Page - Texas Instruments

  TAS5110A Datasheet HTML 1Page - Texas Instruments TAS5110A Datasheet HTML 2Page - Texas Instruments TAS5110A Datasheet HTML 3Page - Texas Instruments TAS5110A Datasheet HTML 4Page - Texas Instruments TAS5110A Datasheet HTML 5Page - Texas Instruments TAS5110A Datasheet HTML 6Page - Texas Instruments TAS5110A Datasheet HTML 7Page - Texas Instruments TAS5110A Datasheet HTML 8Page - Texas Instruments TAS5110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TAS5110A
SLES079A – APRIL 2003 – REVISED MAY 2003
www.ti.com
5
Terminal Functions
TERMINAL
NAME
DAD
NO.
I/O
DESCRIPTION
BIAS_A
6
I
Connect external resistor to DVSS.
BIAS_B
5
I
Connect external resistor to DVSS.
BOOTSTRAPA
19
O
Bootstrap capacitor pin for H-bridge A
BOOTSTRAPB
30
O
Bootstrap capacitor pin for H-bridge B
DVDD
11
3.3-V digital voltage supply for logic
DVSS
8, 9,
10
Digital ground for logic is internally connected to PVSS. All three pins must be tied together but not
connected externally to PVSS. See Figure 5.
ERR1
14
O
Error/warning report indicator. This output is open drain with internal pullup resistor.
ERR0
13
O
Error/warning report indicator. This output is open drain with internal pullup resistor.
LDROUTA
18
O
Low-voltage drop-out regulator output A (not to be used to supply current to external circuitry)
LDROUTB
31
O
Low-voltage drop-out regulator output B (not to be used to supply current to external circuitry)
OUTPUTA
22, 23
O
H-bridge output A
OUTPUTB
26, 27
O
H-bridge output B
PVDDA1
20, 21
High-voltage power supply, H-bridge A
PVDDA2
17
High-voltage power supply for low-dropout voltage regulator A-side
PVDDB1
28, 29
High-voltage power supply, H-bridge B
PVDDB2
32
High-voltage power supply for low-dropout voltage regulator B-side
PVSS
24, 25
High-voltage power supply ground
PWDN
4
I
Power down = 0, normal mode = 1
PWM_AM
15
I
PWM input A(–)
PWM_AP
16
I
PWM input A(+)
PWM_BP
1
I
PWM input B(+)
PWM_BM
2
I
PWM input B(–)
RESET
3
I
Reset and mute mode = 0, normal mode = 1; when in reset mode, H-bridge MOSFETs are in low-low
output state. Asserting the RESET signal low causes all fault conditions to be cleared.
SHUTDOWN
12
O
Device is in shutdown due to fault condition, normal mode = 1, shutdown = 0; when device is in
shutdown mode the H-bridge MOSFETs are in low-low output state. The latched output can be
cleared by asserting the RESET signal. This output is open drain with internal pullup resistor.
VRFILT
7
O
A filter capacitor must be added between the VRFILT and DVSS pins.
NOTE: The four PWM inputs: PWM_AP, PWM_AM, PWM_BP, and PWM_BM must always be connected to the TAS50xx output pins and never
left floating. Floating PWM input pins cause an illegal PWM input state signal to be asserted.
Dual pins: OUTPUTA, OUTPUTB, PVDDA1, and PVDDB1 must have both pins connected externally to the same point on the circuit board,
respectively. Both PVSS pins must also beconnectedtogetherexternally. These multiple pins are for the high-current DMOS output devices.
Failure to connect all the multiple pins to the same respective node results in excessive current flow in the internal bond wires and can cause
the device to fail. All electrical characteristics are specified and measured with all of the multiple pins of each type connected to a single node.


Similar Part No. - TAS5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADAD TI-TAS5110ADAD Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADADR TI-TAS5110ADADR Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com