Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7720EVB-DEMO-1-KIT Datasheet(PDF) 11 Page - Exar Corporation

Part # XRP7720EVB-DEMO-1-KIT
Description  Quad Output Universal Customizable PMIC with PFM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7720EVB-DEMO-1-KIT Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRP7720EVB-DEMO-1-KIT Datasheet HTML 7Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 8Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 9Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 10Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 11Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 12Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 13Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 14Page - Exar Corporation XRP7720EVB-DEMO-1-KIT Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
X
XR
RP
P7
77
72
20
0
Q
Qu
ua
ad
d O
Ou
uttp
pu
utt U
Un
niiv
ve
errs
sa
all C
Cu
us
stto
om
miiz
za
ab
blle
e P
PM
MIIC
C w
wiitth
h P
PF
FM
M
© 2014 Exar Corporation
11/28
Rev. 1.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VCC = 12V, TJ = TA = 25°C, unless otherwise specified - Schematic and BOM from XRP7724EVB. See
XRP7724EVB-DEMO-1 Manual.
Figure 1 PFM to PWM Transition
Figure 2 PWM to PFM Transition
Figure 3 PFM Zero Current Accuracy
Figure 4 LDO5 Brown Out Recovery, No Load
Figure 5 0-6A Transient 300kHz


Similar Part No. - XRP7720EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7724 EXAR-XRP7724 Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724EVB-DEMO-2P-KIT EXAR-XRP7724EVB-DEMO-2P-KIT Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724ILB-F EXAR-XRP7724ILB-F Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7724ILBTR-F EXAR-XRP7724ILBTR-F Datasheet
1Mb / 29P
   Quad Channel Digital PWM/PFM Programmable Power Management System
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
More results

Similar Description - XRP7720EVB-DEMO-1-KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
   Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
logo
Exar Corporation
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
logo
Silicon Laboratories
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
Dialog Semiconductor
DA9024 DIALOG-DA9024 Datasheet
979Kb / 3P
   DA9024 Quad 1.2A Buck PMIC with Audio Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com