Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6668EVB Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP6668EVB
Description  Step Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6668EVB Datasheet(HTML) 4 Page - Exar Corporation

  XRP6668EVB Datasheet HTML 1Page - Exar Corporation XRP6668EVB Datasheet HTML 2Page - Exar Corporation XRP6668EVB Datasheet HTML 3Page - Exar Corporation XRP6668EVB Datasheet HTML 4Page - Exar Corporation XRP6668EVB Datasheet HTML 5Page - Exar Corporation XRP6668EVB Datasheet HTML 6Page - Exar Corporation XRP6668EVB Datasheet HTML 7Page - Exar Corporation XRP6668EVB Datasheet HTML 8Page - Exar Corporation XRP6668EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X
XR
RP
P6
66
66
68
8
1
1A
A/
/1
1A
A D
Du
ua
all C
Ch
ha
an
nn
ne
ell 1
1..5
5M
MH
Hz
z S
Sy
yn
ncc.. S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nv
ve
errtte
err
© 2011 Exar Corporation
4/11
Rev. 1.2.0
PIN DESCRIPTION
Name
Pin Number
Description
VIN1
1
Channel 1 Power Input Pin.
Must be closely decoupled to GND pin with a 4.7μF or greater ceramic capacitor.
SW1
2
Channel 1 Switch Pin.
Must be connected to Inductor. This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
VIN2
3
Channel 2 Power Input Pin.
Must be closely decoupled to GND pin with a 4.7μF or greater ceramic capacitor.
SW2
4
Channel 2 Switch Pin. Must be connected to Inductor. This pin connects to the drains of
the internal main and synchronous power MOSFET switches.
VFB2
5
Channel 2 Feedback Pin.
Receives the feedback voltage from an external resistive divider across the output.
EN2
6
Channel 2 Enable Pin.
Minimum 1.2V to enable the device. Maximum 0.4V to shutdown the device.
VFB1
7
Channel 1 Feedback Pin.
Receives the feedback voltage from an external resistive divider across the output.
EN1
8
Channel 1 Enable Pin.
Minimum 1.2V to enable the device. Maximum 0.4V to shutdown the device.
GND
Exposed Pad
Connect to GND.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
XRP6668IDBTR-F
-40°C≤TA≤+85°C
XRP6668I
YYWW
X
8-Pin HSOIC
3K/Tape & Reel RoHS Compliant
Halogen Free
XRP6668EVB
XRP6668 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number


Similar Part No. - XRP6668EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
   1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
More results

Similar Description - XRP6668EVB

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Texas Instruments
TPS65000 TI1-TPS65000_15 Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com