Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6275 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP6275
Description  3A Ultra Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6275 Datasheet(HTML) 2 Page - Exar Corporation

  XRP6275 Datasheet HTML 1Page - Exar Corporation XRP6275 Datasheet HTML 2Page - Exar Corporation XRP6275 Datasheet HTML 3Page - Exar Corporation XRP6275 Datasheet HTML 4Page - Exar Corporation XRP6275 Datasheet HTML 5Page - Exar Corporation XRP6275 Datasheet HTML 6Page - Exar Corporation XRP6275 Datasheet HTML 7Page - Exar Corporation XRP6275 Datasheet HTML 8Page - Exar Corporation XRP6275 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2015 Exar Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or above any other
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Input Voltage VIN, VPGOOD ................................
Enable Voltage VEN ....................................
Storage Temperature ..............................
Junction Temperature ................................
Lead Temperature (Soldering, 5 sec) .....................
ESD Rating (HBM - Human Body Model) ....................
ESD Rating (CDM – Charged Device Model)
ELECTRICAL SPECIFICATIONS
Specifications are for an Operating Junction Temperature of
Junction Temperature range are denoted by a “
and are provided for reference purposes only. Unless otherwise indicated, V
COUT = 47µF, TA= 25°C.
Parameter
Min.
Input Voltage Operating Range
1.045
Maximum Output Current
1
3
Ground Current
Shutdown Current
ADJ Pin Voltage
598.5
594.0
597.0
592.0
596.0
590.7
Dropout Voltage
Output Voltage Load
Regulation
Power Supply Rejection Ratio
(PSRR)
Output Noise Voltage
Current Limit
3.3
Reverse Bias Protection
VOUT Leakage current
Thermal Shutdown
Temperature
Thermal Shutdown Hysteresis
Start Up time
Power Good Threshold
92
Power Good Threshold
Hysteresis
PGOOD Output Low
3A Ultra Low Dropout Voltage Regulator
2/11
INGS
These are stress ratings only and functional operation of
any other of those
sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
............................................ 3V
.... VIN+0.5V≤3V
-65°C to 150°C
.......................................... 150°C
..................... 260°C
.................... 2kV
.............. 1kV
OPERATING RATINGS
Input Voltage Range VIN, VEN, VPGOOD
Junction Temperature Range ....................
Thermal Resistance ΘJC DFN10 ..............................
Thermal Resistance ΘJA DFN10 ..........................
TIONS
an Operating Junction Temperature of TJ = TA = 25°C only; limits applying over the full Operating
Junction Temperature range are denoted by a “•”. Typical values represent the most likely parametric norm at T
and are provided for reference purposes only. Unless otherwise indicated, VIN = VOUT + 0.5V and I
Typ.
Max.
Units
Conditions
2.625
V
A
2.0
mA
EN active
2.5
6.0
mA
EN active , IOUT=3A
12
µA
VEN=0V, IOUT=0mA, PGOOD Floating
601.5
604.5
mV
VIN=2.5V, VOUT>1V
606.0
mV
600.0
603.0
mV
VIN=1.8V
605.0
mV
599.0
602.0
mV
VIN=1.35V
604.0
mV
138
mV
IOUT=3A, VOUT=1.0V (Note 2)
74
mV
IOUT=2A, VOUT=1.35V (Note 2)
0.25
%
VIN=VOUT + 0.5V, 20mA
35
dB
f=1kHz
30
dB
f>300kHz
200
µVRMS
10Hz-100kHz
4.7
A
VOUT = 0.9 × VOUT(NOM)
-10
µA
VIN=0V, VOUT=2.625V
160
°C
30
°C
2
ms
VOUT=1.0V
94
97
% of VOUT
VOUT rising
2.8
% of VOUT
VOUT falling
0.4
V
VIN>1.5V, ISINK=1mA
0.4
V
VIN>1.045V, ISINK=100uA
XRP6275
3A Ultra Low Dropout Voltage Regulator
Rev. 2.0.0
PGOOD........... 1.045V-2.625V
....................-40°C to 125°C
.............................. 6°C/W
..........................40.5°C/W
= 25°C only; limits applying over the full Operating
likely parametric norm at TJ = 25°C,
V and IOUT=20mA, CIN = 47µF,
Conditions
=0mA, PGOOD Floating
=1.0V (Note 2)
=1.35V (Note 2)
+ 0.5V, 20mA≤IOUT ≤3A
OUT(NOM)
=1mA
=100uA


Similar Part No. - XRP6275

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272IDBTR-F EXAR-XRP6272IDBTR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
More results

Similar Description - XRP6275

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059B RICHTEK-RT9059B Datasheet
160Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com