Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIXG120W1200TEH Datasheet(PDF) 2 Page - IXYS Corporation

Part # MIXG120W1200TEH
Description  X2PT IGBT Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIXG120W1200TEH Datasheet(HTML) 2 Page - IXYS Corporation

  MIXG120W1200TEH Datasheet HTML 1Page - IXYS Corporation MIXG120W1200TEH Datasheet HTML 2Page - IXYS Corporation MIXG120W1200TEH Datasheet HTML 3Page - IXYS Corporation MIXG120W1200TEH Datasheet HTML 4Page - IXYS Corporation MIXG120W1200TEH Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2015 IXYS All rights reserved
2 - 5
20150909
MIXG120W1200TEH
IXYS reserves the right to change limits, test conditions and dimensions.
tentative
Inverter IGBT
Ratings
Symbol
Definitions
Conditions
min.
typ.
max.
V
CES
collector emitter voltage
T
VJ=25°C
1200
V
V
GES
V
GEM
max. DC gate voltage
max. transient gate emitter voltage
-20
-30
+20
+30
V
V
I
C25
I
C80
I
C100
collector current
T
C =25°C
T
C =80°C
T
C =100°C
186
140
120
A
A
A
P
tot
total power dissipation
T
C=25°C
625
W
V
CE(sat)
collector emitter saturation voltage
I
C=100A;VGE=15V
T
VJ=25°C
T
VJ=150°C
1.7
2.0
2.0
V
V
V
GE(th)
gate emitter threshold voltage
I
C=4mA;VGE=VGE
T
VJ=25°C
6
7
V
I
CES
collector emitter leakage current
V
CE=VCES ; VGE=0V
T
VJ=25°C
T
VJ=150°C
2
mA
mA
I
GES
gate emitter leakage current
V
GE=±20V
500
nA
R
G
internal gate resistance
3.9
Ω
C
iss
C
oss
C
rss
input capacitance
output capacitance
reverse transfer (Miller) capacitance
V
CE=100V;VGS=0V;f=1MHz
nF
pF
pF
Q
g
Q
gs
Q
gd
total gate charge
gate source charge
gate drain (Miller) charge
V
CE=600V;VGE=15V;IC=100A
nC
nC
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
rec(off)
urn-on delay time
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
reverse recovery losses at turn-off
Inductive switching
V
CE=600V;IC=100A
T
VJ=25°C
V
GE=±15V;RG=6.8Ω (external)
80
40
250
80
6
5.8
ns
ns
ns
ns
mJ
mJ
mJ
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
rec(off)
turn-on delay time
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
reverse recovery losses at turn-off
Inductive switching
V
CE=600V;IC=100A
T
VJ=150°C
V
GE=±15V;RG=6.8Ω (external)
100
50
300
100
10.5
8.2
ns
ns
ns
ns
mJ
mJ
mJ
RBSOA
I
CM
reverse bias safe operating area
V
GE=±15V;RG=6.8Ω
T
VJ=150°C
V
CEmax=1200V
200
A
SCSOA
t
SC
I
SC
short circuit safe operating area
short circuit duration
short circuit duration
V
CEmax=1200V
V
CE=900V;VGE=±15V
T
VJ=150°C
non-repetitive
600
10
μs
A
R
thJC
R
thJH
thermal resistance junction to case
thermal resistance junction to heatsink
with heatsink compound; IXYS test setup
0.38
0.24
K/W
K/W


Similar Part No. - MIXG120W1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXG180W1200TEH IXYS-MIXG180W1200TEH Datasheet
539Kb / 5P
   X2PT IGBT Module
More results

Similar Description - MIXG120W1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXG240W1200PZTEH IXYS-MIXG240W1200PZTEH Datasheet
278Kb / 8P
   X2PT IGBT Module
MIXG180W1200TEH IXYS-MIXG180W1200TEH Datasheet
539Kb / 5P
   X2PT IGBT Module
MIXG240W1200TEH IXYS-MIXG240W1200TEH Datasheet
541Kb / 5P
   X2PT IGBT Module
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com