Electronic Components Datasheet Search |
|
MIXA450PF1200TSF Datasheet(PDF) 3 Page - IXYS Corporation |
|
MIXA450PF1200TSF Datasheet(HTML) 3 Page - IXYS Corporation |
3 / 6 page MIXA450PF1200TSF Ratings XXX XX-XXXXX YYWWx 2D Data Matrix Logo UL Part number Date Code Location I X M A 450 PF 1200 T SF Part number IGBT XPT IGBT Gen 1 / std Phase leg + free wheeling Diodes Thermistor \ Temperature sensor SimBus F Module = = = = = Current Rating [A] Reverse Voltage [V] = = = = Package TVJ °C M D Nm 6 mounting torque 3 T stg °C 125 storage temperature -40 Weight g 350 Symbol Definition typ. max. min. Conditions virtual junction temperature Unit M T Nm 6 terminal torque 3 V V t = 1 second V t = 1 minute isolation voltage mm mm 12.7 10.0 dSpp/App creepage distance on surface | striking distance through air dSpb/Apb terminal to backside I RMS RMS current A per terminal 150 -40 terminal to terminal SimBus F Delivery Mode Quantity Code No. Part Number Marking on Product Ordering 0 25 50 75 100 125 150 102 103 104 105 R [ ] Typ. NTC resistance vs. temperature T C [°C] 50/60 Hz, RMS; I ≤ 1 mA ISOL MIXA450PF1200TSF 511202 Box 3 MIXA450PF1200TSF Standard Rpin-chip resistance pin to chip 0.65 mΩ 2500 3000 ISOL V = V CEsat + 2·R·IC resp. V = VF + 2·R·IF threshold voltage V mΩ V0 max R0 max slope resistance * 1.1 3.1 1.25 1.9 Equivalent Circuits for Simulation T = VJ I V0 R0 IGBT Diode 150 °C * on die level T = 25° resistance kΩ 5.25 K VJ 3375 R25 B25/50 5 4.75 temperature coefficient Symbol Definition typ. max. min. Conditions Unit Temperature Sensor NTC IXYS reserves the right to change limits, conditions and dimensions. 20121026a Data according to IEC 60747and per semiconductor unless otherwise specified © 2012 IXYS all rights reserved |
Similar Part No. - MIXA450PF1200TSF |
|
Similar Description - MIXA450PF1200TSF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |