Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVL16FL113 Datasheet(PDF) 1 Page - E-SWITCH

Part # PVL16FL113
Description  pVl SerieS pilot indicator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVL16FL113 Datasheet(HTML) 1 Page - E-SWITCH

  PVL16FL113 Datasheet HTML 1Page - E-SWITCH PVL16FL113 Datasheet HTML 2Page - E-SWITCH PVL16FL113 Datasheet HTML 3Page - E-SWITCH PVL16FL113 Datasheet HTML 4Page - E-SWITCH PVL16FL113 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
SpecificationS
featureS & BenefitS
applicationS / MarketS
part nuMBer configurator
pVl SerieS pilot indicator
Specifications subject to change without notice
• Pilot indicator light
• Multiple panel cutout sizes -- 6mm to 19mm dia.
• Multiple illumination voltage options
• Multiple LED color options
• IP67 rated
Contact Arrangement: Lamp indicator
Operating/Storage Temperature: -25°C to 55°C
Lamp Life: 40,000 Hours Nominal
Ingress Protection: IP67
Panel Thickness: 1-6mm or 1-10mm, (depending on
mounting diameter)
Mounting Nut Torque: 5-14Nm
PVL
06 - 6mm Dia.
08 - 8mm Dia.
10 - 10mm Dia.
12 - 12mm Dia.
14 - 14mm Dia.
16 - 16mm Dia.
19 - 19mm Dia.
S - Stainless Steel
1 - Black
L - Solder Lug
Series
Indicator
Diameter
Body
Finish
Terminal
Medical Equipment
F - Flat
Lens
1 - Red
3 - Green
4 - Blue
Lens
Color
1 - Base Voltage*
3 - 6V
4 - 12V
5 - 24V
6 - 110V
Illumination
Voltage
NOTES:
* Base voltage on LEDs:
1.8V @ 20mA for Red, Yellow and Orange LED colors
2.8V @ 20mA for Blue, Green and White LED colors


Similar Part No. - PVL16FL113

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
   PVL Parts Verification Array
PVL BANNER-PVL Datasheet
1Mb / 2P
   PVL Parts Verification Array
PVL225N BANNER-PVL225N Datasheet
1Mb / 2P
   PVL Parts Verification Array
PVL225N BANNER-PVL225N Datasheet
337Kb / 4P
   PVL Parts Verification Array
PVL225NQ BANNER-PVL225NQ Datasheet
1Mb / 2P
   PVL Parts Verification Array
More results

Similar Description - PVL16FL113

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVL BANNER-PVL_V01 Datasheet
1Mb / 2P
   PVL Parts Verification Array
PVL BANNER-PVL Datasheet
337Kb / 4P
   PVL Parts Verification Array
logo
Altech corporation
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
   Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
logo
Festo Corporation.
535616 FESTO-535616 Datasheet
90Kb / 2P
   Pilot valve
119600 FESTO-119600 Datasheet
99Kb / 2P
   Pilot valve
8119587 FESTO-8119587 Datasheet
85Kb / 2P
   Pilot valve
11/18/21
119602 FESTO-119602 Datasheet
99Kb / 2P
   Pilot valve
535614 FESTO-535614 Datasheet
93Kb / 2P
   Pilot valve
535617 FESTO-535617 Datasheet
90Kb / 2P
   Pilot valve
logo
Schneider Electric
ZA2BV05 SCHNEIDER-ZA2BV05 Datasheet
143Kb / 2P
   PILOT LIGHT
Mar 21, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com