Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP7717 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 7Page - Texas Instruments LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments LMP7717 Datasheet HTML 10Page - Texas Instruments LMP7717 Datasheet HTML 11Page - Texas Instruments LMP7717 Datasheet HTML 12Page - Texas Instruments LMP7717 Datasheet HTML 13Page - Texas Instruments LMP7717 Datasheet HTML 14Page - Texas Instruments LMP7717 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
20
40
60
80
100
120
RLOAD = 600:
-40°C
25°C
125°C
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
1000
100
5V
2.5V
125°C
25°C
-40°C
0
10
20
30
40
45
50
5
15
25
35
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
10
20
30
40
50
60
70
80
90
100
V
+
(V)
125°C
25°C
-40°C
RLOAD = 600:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
5
10
15
20
25
30
35
40
45
50
V
+
(V)
125°C
25°C
-40°C
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
-40°C
25°C
125°C
RLOAD = 10 k:
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
= 0, V+ = 5V, V
S = V
+ - V, V
CM = VS/2.
Negative Output Swing
Positive Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 24.
Figure 25.
Negative Output Swing
Positive Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 26.
Figure 27.
Negative Output Swing
Input Referred Voltage Noise
vs.
vs.
Supply Voltage
Frequency
Figure 28.
Figure 29.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7717 LMP7718


Similar Part No. - LMP7717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717MA NSC-LMP7717MA Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717MA NSC-LMP7717MA Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717MAE NSC-LMP7717MAE Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
More results

Similar Description - LMP7717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
[Old version datasheet]   SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
National Semiconductor ...
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
[Old version datasheet]   LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com