Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP7711 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7711
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7711 Datasheet(HTML) 4 Page - Texas Instruments

  LMP7711 Datasheet HTML 1Page - Texas Instruments LMP7711 Datasheet HTML 2Page - Texas Instruments LMP7711 Datasheet HTML 3Page - Texas Instruments LMP7711 Datasheet HTML 4Page - Texas Instruments LMP7711 Datasheet HTML 5Page - Texas Instruments LMP7711 Datasheet HTML 6Page - Texas Instruments LMP7711 Datasheet HTML 7Page - Texas Instruments LMP7711 Datasheet HTML 8Page - Texas Instruments LMP7711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LMP7711
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
2.5V ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 2.5V, V= 0V ,V
O = VCM = V
+/2, V
EN = V
+. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
GBW
Gain Bandwidth
14
MHz
en
Input Referred Voltage Noise Density
f = 400 Hz
6.8
nV/
√Hz
f = 1 kHz
5.8
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
ton
Turn-on Time
140
ns
toff
Turn-off Time
1000
ns
VEN
Enable Pin Voltage Range
Enable Mode
2.1
2 - 2.5
V
Shutdown Mode
0 - 0.5
0.4
IEN
Enable Pin Input Current
VEN = 2.5V
(5)
1.5
3.0
μA
VEN = 0V
(5)
0.003
0.1
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 100 kΩ
0.003
VO = 0.9 VPP
%
f = 1 kHz, AV = 1, RL = 600Ω
0.004
VO = 0.9 VPP
5V ELECTRICAL CHARACTERISTICS
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, V
EN = V
+. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
±10
±150
μV
±450
TC VOS Input Offset Voltage Temperataure
LMP7711
–1.75
–1
±4
μV/°C
Drift(3)(4)
LMP7712
IB
Input Bias Current
VCM = 2.0V
(5) (4)
−40°C ≤ TA ≤ 85°C
0.1
1
25
pA
−40°C ≤ TA ≤ 125°C
0.1
1
100
IOS
Input Offset Current
VCM = 2.0V
(4)
0.01
0.5
pA
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 3.7V
85
100
dB
82
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V
85
100
V= 0V, VCM = 0
80
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V= 0V, VCM = 0
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
−0.3
4
V
CMRR
≥ 78 dB
–0.3
4
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7711


Similar Part No. - LMP7711

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7711 NSC-LMP7711 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7711MK NSC-LMP7711MK Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7711MK NSC-LMP7711MK Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7711MKX NSC-LMP7711MKX Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
More results

Similar Description - LMP7711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
[Old version datasheet]   Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
[Old version datasheet]   Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
[Old version datasheet]   SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com