Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP2232 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP2232
Description  Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2232 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP2232_15 Datasheet HTML 4Page - Texas Instruments LMP2232_15 Datasheet HTML 5Page - Texas Instruments LMP2232_15 Datasheet HTML 6Page - Texas Instruments LMP2232_15 Datasheet HTML 7Page - Texas Instruments LMP2232_15 Datasheet HTML 8Page - Texas Instruments LMP2232_15 Datasheet HTML 9Page - Texas Instruments LMP2232_15 Datasheet HTML 10Page - Texas Instruments LMP2232_15 Datasheet HTML 11Page - Texas Instruments LMP2232_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LMP2232
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
1.8V AC Electrical Characteristics
(1) (continued)
Unless otherwise is specified, all limits ensured for TA = 25°C, V
+ = 1.8V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ (3)
Max(2)
Units
in
Input-Referred Current Noise
f = 1 kHz
10
fA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 100 Hz, RL = 10 kΩ
0.005
%
Connection Diagram
Figure 2. 8-Pin VSSOP/SOIC (Top View)
Package Numbers DGK0008A and D0008A
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2232


Similar Part No. - LMP2232_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2232AMA NSC-LMP2232AMA Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2232AMA NSC-LMP2232AMA Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2232AMAE NSC-LMP2232AMAE Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2232AMAE NSC-LMP2232AMAE Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2232AMAX NSC-LMP2232AMAX Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
More results

Similar Description - LMP2232_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
logo
Texas Instruments
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
logo
National Semiconductor ...
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
   Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com