Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04906 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04906
Description  Ultra Low Noise Clock Jitter Cleaner/Multiplier
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04906 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK04906 Datasheet HTML 6Page - Texas Instruments LMK04906 Datasheet HTML 7Page - Texas Instruments LMK04906 Datasheet HTML 8Page - Texas Instruments LMK04906 Datasheet HTML 9Page - Texas Instruments LMK04906 Datasheet HTML 10Page - Texas Instruments LMK04906 Datasheet HTML 11Page - Texas Instruments LMK04906 Datasheet HTML 12Page - Texas Instruments LMK04906 Datasheet HTML 13Page - Texas Instruments LMK04906 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
LMK04906
SNAS589D – JUNE 2012 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(3.15 V
≤ VCC ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C. Typical values represent most likely parametric norms at VCC = 3.3 V, TA = 25
°C, at the Recommended Operating Conditions at the time of product characterization and are not guaranteed.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
ICC_PD
Power Down Supply Current
1
3
mA
All clock delays disabled,
Supply Current with all clocks enabled
CLKoutX_DIV = 1045,
ICC_CLKS
410
470
mA
(1)
CLKoutX_TYPE = 1 (LVDS),
PLL1 and PLL2 locked.
CLKin0/0*, CLKin1/1*, and CLKin2/2* Input Clock Specifications
Clock Input Frequency
fCLKin
0.001
500
MHz
(2)
Clock Input Slew Rate
SLEWCLKin
20% to 80%
0.15
0.5
V/ns
(3)
VIDCLKin
0.25
1.55
|V|
AC coupled
Clock Input
CLKinX_BUF_TYPE = 0 (Bipolar)
VSSCLKin
0.5
3.1
Vpp
Differential Input Voltage
(4)
VIDCLKin
0.25
1.55
|V|
AC coupled
Figure 14
CLKinX_BUF_TYPE = 1 (MOS)
VSSCLKin
0.5
3.1
Vpp
AC coupled to CLKinX; CLKinX* AC
coupled to Ground
0.25
2.4
Vpp
Clock Input
CLKinX_BUF_TYPE = 0 (Bipolar)
VCLKin
Single-ended Input Voltage
AC coupled to CLKinX; CLKinX* AC
(3)
coupled to Ground
0.25
2.4
Vpp
CLKinX_BUF_TYPE = 1 (MOS)
DC offset voltage between
VCLKin0-offset
CLKin0/CLKin0*
20
mV
CLKin0* - CLKin0
DC offset voltage between
Each pin AC coupled
VCLKin1-offset
CLKin1/CLKin1*
0
mV
CLKin0_BUF_TYPE = 0 (Bipolar)
CLKin1* - CLKin1
DC offset voltage between
VCLKin2-offset
CLKin2/CLKin2*
20
mV
CLKin2* - CLKin2
DC offset voltage between
Each pin AC coupled
VCLKinX-offset
CLKinX/CLKinX*
55
mV
CLKinX_BUF_TYPE = 1 (MOS)
CLKinX* - CLKinX
VCLKin-VIH
High input voltage
DC coupled to CLKinX; CLKinX* AC
2.0
VCC
V
coupled to Ground
VCLKin-VIL
Low input voltage
0.0
0.4
V
CLKinX_BUF_TYPE = 1 (MOS)
FBCLKin/FBCLKin* and Fin/Fin* Input Specifications
AC coupled
Clock Input Frequency
fFBCLKin
(CLKinX_BUF_TYPE = 0)
0.001
1000
MHz
(3)
MODE = 2 or 8; FEEDBACK_MUX = 6
AC coupled
Clock Input Frequency
fFin
(CLKinX_BUF_TYPE = 0)
0.001
3100
MHz
(3)
MODE = 3 or 11
Single Ended
AC coupled;
VFBCLKin/Fin
Clock Input Voltage
0.25
2.0
Vpp
(CLKinX_BUF_TYPE = 0)
(3)
Slew Rate on CLKin
AC coupled; 20% to 80%;
SLEWFBCLKin/Fin
0.15
0.5
V/ns
(3)
(CLKinX_BUF_TYPE = 0)
(1)
Load conditions for output clocks: LVDS: 100
Ω differential. See applications section Current Consumption / Power Dissipation
Calculations for Icc for specific part configuration and how to calculate Icc for a specific design.
(2)
CLKin0, CLKin1, and CLKin2 maximum is guaranteed by characterization, production tested at 200 MHz.
(3)
Guaranteed by characterization.
(4)
See DIFFERENTIAL VOLTAGE MEASUREMENT TERMINOLOGY for definition of VID and VOD voltages.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMK04906


Similar Part No. - LMK04906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
LMK04906 TI1-LMK04906 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906BISQ TI1-LMK04906BISQ Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
LMK04906BISQE TI1-LMK04906BISQE Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
LMK04906BISQX TI1-LMK04906BISQX Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
More results

Similar Description - LMK04906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
LMK04816 TI1-LMK04816_16 Datasheet
1Mb / 129P
[Old version datasheet]   Three Input Low-Noise Clock Jitter Cleaner
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com