Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK03000C Datasheet(PDF) 6 Page - Texas Instruments

Part # LMK03000C
Description  Precision Clock Conditioner
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03000C Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK03000C Datasheet HTML 2Page - Texas Instruments LMK03000C Datasheet HTML 3Page - Texas Instruments LMK03000C Datasheet HTML 4Page - Texas Instruments LMK03000C Datasheet HTML 5Page - Texas Instruments LMK03000C Datasheet HTML 6Page - Texas Instruments LMK03000C Datasheet HTML 7Page - Texas Instruments LMK03000C Datasheet HTML 8Page - Texas Instruments LMK03000C Datasheet HTML 9Page - Texas Instruments LMK03000C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LMK03000, LMK03000C, LMK03000D, LMK03001
LMK03001C, LMK03001D, LMK03033, LMK03033C
SNAS381O – NOVEMBER 2006 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
3
Electrical Specifications
3.1
Absolute Maximum Ratings
(1) (2) (3)
Parameter
Symbol
Ratings
Units
Power Supply Voltage
VCC
-0.3 to 3.6
V
Input Voltage
VIN
-0.3 to (VCC + 0.3)
V
Storage Temperature Range
TSTG
-65 to 150
°C
Lead Temperature (solder 4 s)
TL
+260
°C
Junction Temperature
TJ
125
°C
(1)
"Absolute Maximum Ratings" indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
This device is a high performance integrated circuit with ESD handling precautions. Handling of this device should only be done at ESD
protected work stations. The device is rated to a HBM-ESD of > 2 kV, a MM-ESD of > 200 V, and a CDM-ESD of > 1.2 kV.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
3.2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
-40
25
85
°C
Power Supply Voltage
VCC
3.15
3.3
3.45
V
3.3
Package Thermal Resistance
Package
θJA
θJ-PAD (Thermal Pad)
48-Lead WQFN (1)
27.4° C/W
5.8° C/W
(1)
Specification assumes 16 thermal vias connect the die attach pad to the embedded copper plane on the 4-layer JEDEC board. These
vias play a key role in improving the thermal performance of the WQFN. It is recommended that the maximum number of vias be used in
the board layout.
6
Electrical Specifications
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LMK03000 LMK03000C LMK03000D LMK03001 LMK03001C LMK03001D LMK03033
LMK03033C


Similar Part No. - LMK03000C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03000C NSC-LMK03000C Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQ NSC-LMK03000CISQ Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQ NSC-LMK03000CISQ Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQX NSC-LMK03000CISQX Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000CISQX NSC-LMK03000CISQX Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
More results

Similar Description - LMK03000C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
LMK02000 TI1-LMK02000 Datasheet
814Kb / 24P
[Old version datasheet]   Precision Clock Conditioner
LMK02002 TI1-LMK02002 Datasheet
813Kb / 22P
[Old version datasheet]   Precision Clock Conditioner
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200 Datasheet
1Mb / 53P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com