Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00308 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMK00308
Description  3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00308 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK00308_16 Datasheet HTML 4Page - Texas Instruments LMK00308_16 Datasheet HTML 5Page - Texas Instruments LMK00308_16 Datasheet HTML 6Page - Texas Instruments LMK00308_16 Datasheet HTML 7Page - Texas Instruments LMK00308_16 Datasheet HTML 8Page - Texas Instruments LMK00308_16 Datasheet HTML 9Page - Texas Instruments LMK00308_16 Datasheet HTML 10Page - Texas Instruments LMK00308_16 Datasheet HTML 11Page - Texas Instruments LMK00308_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
LMK00308
SNAS576D – FEBRUARY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LMK00308
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Specification is ensured by characterization and is not tested in production.
(6)
See Differential Voltage Measurement Terminology for definition of VID and VOD voltages.
(7)
Parameter is specified by design, not tested in production.
(8)
For clock input frequency
≥ 100 MHz, CLKinX can be driven with single-ended (LVCMOS) input swing up to 3.3 Vpp. For clock input
frequency < 100 MHz, the single-ended input swing should be limited to 2 Vpp max to prevent input saturation (refer to Driving the Clock
Inputs for interfacing 2.5 V/3.3 V LVCMOS clock input < 100 MHz to CLKinX).
(9)
The ESR requirements stated must be met to ensure that the oscillator circuitry has no startup issues. However, lower ESR values for
the crystal may be necessary to stay below the maximum power dissipation (drive level) specification of the crystal. Refer to Crystal
Interface for crystal drive level considerations.
CLOCK INPUTS (CLKin0/CLKin0*, CLKin1/CLKin1*)
fCLKin
Input Frequency
Range(5)
Functional up to 3.1 GHz
Output frequency range and timing specified per
output type (refer to LVPECL, LVDS, HCSL,
LVCMOS output specifications)
DC
3.1
GHz
VIHD
Differential Input High
Voltage
CLKin driven differentially
Vcc
V
VILD
Differential Input Low
Voltage
GND
V
VID
Differential Input Voltage
Swing(6)
0.15
1.3
V
VCMD
Differential Input
Common Mode Voltage
VID = 150 mV
0.25
Vcc - 1.2
V
VID = 350 mV
0.25
Vcc - 1.1
VID = 800 mV
0.25
Vcc - 0.9
VIH
Single-Ended Input High
Voltage
CLKinX driven single-ended (AC or DC coupled),
CLKinX* AC coupled to GND or externally biased
within VCM range
Vcc
V
VIL
Single-Ended Input Low
Voltage
GND
V
VI_SE
Single-Ended Input
Voltage Swing(7)(8)
0.3
2
Vpp
VCM
Single-Ended Input
Common Mode Voltage
0.25
Vcc - 1.2
V
ISOMUX
Mux Isolation, CLKin0 to
CLKin1
fOFFSET > 50 kHz,
PCLKinX = 0 dBm
fCLKin0 = 100 MHz
-84
dBc
fCLKin0 = 200 MHz
-82
fCLKin0 = 500 MHz
-71
fCLKin0 = 1000 MHz
-65
CRYSTAL INTERFACE (OSCin, OSCout)
FCLK
External Clock
Frequency Range (5)
OSCin driven single-ended, OSCout floating
250
MHz
FXTAL
Crystal Frequency
Range
Fundamental mode crystal
ESR
≤ 200 Ω (10 to 30 MHz)
ESR
≤ 125 Ω (30 to 40 MHz) (9)
10
40
MHz
CIN
OSCin Input
Capacitance
4
pF


Similar Part No. - LMK00308_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00308SQ TI1-LMK00308SQ Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00308SQE TI1-LMK00308SQE Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00308SQX TI1-LMK00308SQX Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00308_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00338 TI1-LMK00338_14 Datasheet
3Mb / 33P
[Old version datasheet]   8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00338 TI1-LMK00338 Datasheet
1Mb / 25P
[Old version datasheet]   LMK00338 8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com