Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00306 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00306
Description  3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00306 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK00306 Datasheet HTML 6Page - Texas Instruments LMK00306 Datasheet HTML 7Page - Texas Instruments LMK00306 Datasheet HTML 8Page - Texas Instruments LMK00306 Datasheet HTML 9Page - Texas Instruments LMK00306 Datasheet HTML 10Page - Texas Instruments LMK00306 Datasheet HTML 11Page - Texas Instruments LMK00306 Datasheet HTML 12Page - Texas Instruments LMK00306 Datasheet HTML 13Page - Texas Instruments LMK00306 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
LMK00306
SNAS578D – FEBRUARY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LMK00306
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR
Output Rise Time
20% to 80%(7)
RT = 160 Ω to GND, Uniform transmission line up
to 10 in. with 50-
Ω characteristic impedance,
RL = 100 Ω differential,CL ≤ 5 pF
175
300
ps
tF
Output Fall Time
80% to 20%(7)
175
300
ps
LVDS OUTPUTS (CLKoutAn/CLKoutAn*, CLKoutBn/CLKoutBn*)
fCLKout_FS
Maximum Output
Frequency
Full VOD Swing
(5) (10)
VOD ≥ 250 mV,
RL = 100 Ω differential
1.0
1.6
GHz
fCLKout_RS
Maximum Output
Frequency
Reduced VOD
Swing(5)(10)
VOD ≥ 200 mV,
RL = 100 Ω differential
1.5
2.1
GHz
JitterADD
Additive RMS Jitter,
Integration Bandwidth
10 kHz to 20
MHz(5)(11)(12)
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
94
115
fs
CLKin: 156.25 MHz,
Slew rate
≥ 3 V/ns
70
90
JitterADD
Additive RMS Jitter
Integration Bandwidth
1 MHz to 20 MHz(11)
Vcco = 3.3 V,
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
89
fs
CLKin: 156.25 MHz,
Slew rate
≥ 2.7 V/ns
77
CLKin: 625 MHz,
Slew rate
≥ 3 V/ns
37
Noise Floor
Noise Floor
fOFFSET ≥ 10 MHz
(14) (15)
Vcco = 3.3 V,
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
-159.5
dBc/Hz
CLKin: 156.25 MHz,
Slew rate
≥ 2.7 V/ns
-157.0
CLKin: 625 MHz,
Slew rate
≥ 3 V/ns
-152.7
DUTY
Duty Cycle(5)
50% input clock duty cycle
45%
55%
VOD
Output Voltage Swing(6)
TA = 25 °C, DC Measurement,
RL = 100 Ω differential
250
400
450
mV
ΔVOD
Change in Magnitude of
VOD for Complementary
Output States
-50
50
mV
VOS
Output Offset Voltage
1.125
1.25
1.375
V
ΔVOS
Change in Magnitude of
VOS for Complementary
Output States
-35
35
mV
ISA
ISB
Output Short Circuit
Current Single Ended
TA = 25 °C,
Single ended outputs shorted to GND
-24
24
mA
ISAB
Output Short Circuit
Current Differential
Complementary outputs tied together
-12
12
mA
tR
Output Rise Time
20% to 80%(7)
Uniform transmission line up to 10 inches with 50-
Ω characteristic impedance, RL = 100 Ω differential,
CL ≤ 5 pF
175
300
ps
tF
Output Fall Time
80% to 20%(7)
175
300
ps


Similar Part No. - LMK00306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00306SQ TI1-LMK00306SQ Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00306SQE TI1-LMK00306SQE Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00306SQX TI1-LMK00306SQX Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00338 TI1-LMK00338_14 Datasheet
3Mb / 33P
[Old version datasheet]   8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com