Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK00306 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMK00306
Description  3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00306 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK00306_16 Datasheet HTML 5Page - Texas Instruments LMK00306_16 Datasheet HTML 6Page - Texas Instruments LMK00306_16 Datasheet HTML 7Page - Texas Instruments LMK00306_16 Datasheet HTML 8Page - Texas Instruments LMK00306_16 Datasheet HTML 9Page - Texas Instruments LMK00306_16 Datasheet HTML 10Page - Texas Instruments LMK00306_16 Datasheet HTML 11Page - Texas Instruments LMK00306_16 Datasheet HTML 12Page - Texas Instruments LMK00306_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
LMK00306
www.ti.com
SNAS578D – FEBRUARY 2012 – REVISED MARCH 2016
Product Folder Links: LMK00306
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: Vcc = 3.3 V ± 5%, Vcco = 3.3 V ± 5%, 2.5 V ± 5%, -40 °C
≤ TA ≤ 85 °C, CLKin driven
differentially, input slew rate
≥ 3 V/ns. Typical values represent most likely parametric norms at Vcc = 3.3 V, Vcco = 3.3 V, TA
= 25 °C, and at the Recommended Operation Conditions at the time of product characterization and are not ensured.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) See Typical Characteristics for output operation over frequency.
(11) For the 100 MHz and 156.25 MHz clock input conditions, Additive RMS Jitter (JADD) is calculated using Method #1: JADD = SQRT(JOUT
2
- JSOURCE
2), where J
OUT is the total RMS jitter measured at the output driver and JSOURCE is the RMS jitter of the clock source applied to
CLKin. For the 625 MHz clock input condition, Additive RMS Jitter is approximated using Method #2: JADD = SQRT(2*10
dBc/10) /
(2*
π*fCLK), where dBc is the phase noise power of the Output Noise Floor integrated from 1 to 20 MHz bandwidth. The phase noise
power can be calculated as: dBc = Noise Floor + 10*log10(20 MHz - 1 MHz). The additive RMS jitter was approximated for 625 MHz
using Method #2 because the RMS jitter of the clock source was not sufficiently low enough to allow practical use of Method #1. Refer
to the “Noise Floor vs. CLKin Slew Rate” and “RMS Jitter vs. CLKin Slew Rate” plots in Typical Characteristics.
(12) 100 MHz and 156.25 MHz input source from Rohde & Schwarz SMA100A Low-Noise Signal Generator and Sine-to-Square-wave
Conversion block.
(13) 156.25 MHz LVPECL clock source from LMK03806 with 20 MHz crystal reference (crystal part number: ECS-200-20-30BU-DU).
JSOURCE = 190 fs RMS (10 kHz to 1 MHz) and 195 fs RMS (12 kHz to 20 MHz). Refer to the LMK03806 datasheet for more information.
(14) The noise floor of the output buffer is measured as the far-out phase noise of the buffer. Typically this offset is
≥ 10 MHz, but for lower
frequencies this measurement offset can be as low as 5 MHz due to measurement equipment limitations.
(15) Phase noise floor will degrade as the clock input slew rate is reduced. Compared to a single-ended clock, a differential clock input
(LVPECL, LVDS) will be less susceptible to degradation in noise floor at lower slew rates due to its common mode noise rejection.
However, it is recommended to use the highest possible input slew rate for differential clocks to achieve optimal noise floor performance
at the device outputs.
LVPECL OUTPUTS (CLKoutAn/CLKoutAn*, CLKoutBn/CLKoutBn*)
fCLKout_FS
Maximum Output
Frequency
Full VOD Swing
(5) (10)
VOD ≥ 600 mV,
RL = 100 Ω differential
Vcco = 3.3 V ± 5%,
RT = 160 Ω to GND
1.0
1.2
GHz
Vcco = 2.5 V ± 5%,
RT = 91 Ω to GND
0.75
1.0
fCLKout_RS
Maximum Output
Frequency
Reduced VOD
Swing(5)(10)
VOD ≥ 400 mV,
RL = 100 Ω differential
Vcco = 3.3 V ± 5%,
RT = 160 Ω to GND
1.5
3.1
GHz
Vcco = 2.5 V ± 5%,
RT = 91 Ω to GND
1.5
2.3
JitterADD
Additive RMS Jitter,
Integration Bandwidth
10 kHz to 20
MHz(5)(11)(12)
Vcco = 2.5 V ± 5%:
RT = 91 Ω to GND,
Vcco = 3.3 V ± 5%:
RT = 160 Ω to GND,
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
77
98
fs
CLKin: 156.25 MHz,
Slew rate
≥ 3 V/ns
54
78
JitterADD
Additive RMS Jitter
Integration Bandwidth
1 MHz to 20 MHz(11)
Vcco = 3.3 V,
RT = 160 Ω to GND,
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
59
fs
CLKin: 156.25 MHz,
Slew rate
≥ 2.7 V/ns
64
CLKin: 625 MHz,
Slew rate
≥ 3 V/ns
30
JitterADD
Additive RMS Jitter with
LVPECL clock source
from LMK03806(11)(13)
Vcco = 3.3 V,
RT = 160 Ω to GND,
RL = 100 Ω differential
CLKin: 156.25 MHz,
JSOURCE = 190 fs RMS
(10 kHz to 1 MHz)
20
fs
CLKin: 156.25 MHz,
JSOURCE = 195 fs RMS
(12 kHz to 20 MHz)
51
Noise Floor
Noise Floor
fOFFSET ≥ 10 MHz
(14) (15)
Vcco = 3.3 V,
RT = 160 Ω to GND,
RL = 100 Ω differential
CLKin: 100 MHz,
Slew rate
≥ 3 V/ns
-162.5
dBc/Hz
CLKin: 156.25 MHz,
Slew rate
≥ 2.7 V/ns
-158.1
CLKin: 625 MHz,
Slew rate
≥ 3 V/ns
-154.4
DUTY
Duty Cycle(5)
50% input clock duty cycle
45%
55%
VOH
Output High Voltage
TA = 25 °C, DC Measurement,
RT = 50 Ω to Vcco - 2 V
Vcco -
1.2
Vcco -
0.9
Vcco -
0.7
V
VOL
Output Low Voltage
Vcco -
2.0
Vcco -
1.75
Vcco -
1.5
V
VOD
Output Voltage Swing(6)
600
830
1000
mV


Similar Part No. - LMK00306_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00306SQ TI1-LMK00306SQ Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00306SQE TI1-LMK00306SQE Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00306SQX TI1-LMK00306SQX Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00306_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00338 TI1-LMK00338_14 Datasheet
3Mb / 33P
[Old version datasheet]   8-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com