Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6723MA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6723MA
Description  Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6723MA Datasheet(HTML) 4 Page - Texas Instruments

  LMH6723MA Datasheet HTML 1Page - Texas Instruments LMH6723MA Datasheet HTML 2Page - Texas Instruments LMH6723MA Datasheet HTML 3Page - Texas Instruments LMH6723MA Datasheet HTML 4Page - Texas Instruments LMH6723MA Datasheet HTML 5Page - Texas Instruments LMH6723MA Datasheet HTML 6Page - Texas Instruments LMH6723MA Datasheet HTML 7Page - Texas Instruments LMH6723MA Datasheet HTML 8Page - Texas Instruments LMH6723MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMH6723, LMH6724
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC (V
+ - V-)
±6.75
V
IOUT
120(4)
mA
Common Mode Input Voltage
±VCC
V
Maximum Junction Temperature
+150
°C
Soldering Information
Infrared or Convection (20 sec)
235
°C
Wave Soldering (10 sec)
260
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(4)
The maximum continuous output current (IOUT) is determined by device power dissipation limitations. See Power Supply
Recommendations for more details.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)(2)
V(ESD)
Electrostatic discharge
V
Machine Model (MM), per JEDEC specification JESD22-C101, all
200
pins(2)(3)
(1)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, 1.5 k
Ω in series with 100 pF. Machine Model, 0Ω In series with 200 pF.
(3)
JEDEC document JEP157 states that 200-V MM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating Temperature Range
−40
+85
°C
Nominal Supply Voltage
4.5
12
V
(1)
The maximum continuous output current (IOUT) is determined by device power dissipation limitations. See Power Supply
Recommendations for more details.
6.4 Thermal Information
SOT-23
SOIC
THERMAL METRIC(1)
DBV
D08A
UNIT
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
230°C/W
166°C/W
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LMH6723 LMH6724


Similar Part No. - LMH6723MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723MA NSC-LMH6723MA Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MAX NSC-LMH6723MAX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
More results

Similar Description - LMH6723MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com