Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6715JFQMLV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715JFQMLV
Description  Dual Wideband Video Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715JFQMLV Datasheet(HTML) 3 Page - Texas Instruments

  LMH6715JFQMLV Datasheet HTML 1Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 2Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 3Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 4Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 5Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 6Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 7Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 8Page - Texas Instruments LMH6715JFQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LMH6715QML
www.ti.com
SNOSAQ3B – NOVEMBER 2010 – REVISED MAY 2013
LMH6715 Electrical Characteristics DC Parameter Static and DC Tests
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2, RF = 634Ω, −55°C ≤ TA ≤ +125°C
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IBN
Input Bias Current, Noninverting
See(1)
-12
12
μA
1
-12
+12
μA
2
-20
+20
μA
3
IBI
Input Bias Current, Inverting
See(1)
-21
+21
μA
1
-25
+25
μA
2
-35
+35
μA
3
VIO
Input offset voltage
See(1)
-6
6
mV
1
-12
12
mV
2
-10
10
mV
3
ICC
Supply Current
RL =∞
See(1)
14.0
mA
1
14.0
mA
2
16.0
mA
3
PSRR
Power Supply Rejection Ration
+VS = +4.5V to +5.0V,
46
dB
1
-VS = -4.5V to -5.0V
44
dB
2, 3
(1)
Pre and post irradiation limits are identical to those listed under electrical characteristics. These parts may be dose rate sensitive in a
space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are ensured
only for the conditions as specified in MIL-STD-883, Method 1019.
LMH6715 Electrical Characteristics AC Parameter Frequeuncy Domain Response
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2, RF = 634Ω, −55°C ≤ TA ≤ +125°C
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
SSBW
Small signal bandwith
−3dB BW, VOUT < 0.5 VPP
See(1)
175
MHz
4
GFP
Gain flatness peaking high
0.1MHz to 30 MHz,
See(1)
0.1
dB
4
VOUT ≤ 0.5VPP
GFR
Gain flatness rolloff
0.1MHz to 30 MHz,
See(1)
0.3
dB
4
VOUT ≤ 0.5VPP
(1)
Group A testing only.
LMH6715 Electrical Characteristics AC Parameter Distortion and Noise Response
The following conditions apply, unless otherwise specified.
RL = 100Ω, VCC = ±5VDC, AV = +2, RF = 634Ω, −55°C ≤ TA ≤ +125°C
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
HD2
Second harmonic distortion
2VPP at 20 MHz
See(1)
-42
dBc
4
HD3
Third harmonic distortion
2VPP at 20 MHz
See(1)
-46
dBc
4
(1)
Group A testing only.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6715QML


Similar Part No. - LMH6715JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715JFQMLV TI1-LMH6715JFQMLV Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - LMH6715JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com